Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5055AASA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5055AASA+
Description  4A, 20ns, Dual MOSFET Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5055AASA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5055AASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5055AASA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
4A, 20ns, Dual MOSFET Drivers
_______________________________________________________________________________________
7
MAX5054 toc22
20ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 15V, CL = 5000pF)
IN_-
2V/div
OUT_
5V/div
MAX5055
MAX5054 toc23
40ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 15V, CL = 10,000pF)
IN_-
2V/div
OUT_
5V/div
MAX5055
MAX5054 toc24
20ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 15V, CL = 5000pF)
IN_-
2V/div
OUT_
5V/div
MAX5055
MAX5054 toc25
40ns/div
LOGIC-INPUT VOLTAGE vs. OUTPUT VOLTAGE
(VDD = 15V, CL = 10,000pF)
MAX5055
IN_-
2V/div
OUT_
5V/div
VDD vs. OUTPUT VOLTAGE
MAX5054 toc26
2ms/div
MAX5055
INA- = INB- = GND
CLA = CLB = 10,000pF
VDD
5V/div
OUTB
5V/div
OUTA
5V/div
MAX5054 toc27
2ms/div
VDD vs. OUTPUT VOLTAGE
MAX5055
INA- = INB- = GND
CLA = CLB = 10,000pF
VDD
5V/div
OUTB
5V/div
OUTA
5V/div
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5055AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5055AASA++ MAXIM-MAX5055AASA+ Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5055AASA++ MAXIM-MAX5055AASA+ Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
More results

Similar Description - MAX5055AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5054 MAXIM-MAX5054_10 Datasheet
279Kb / 15P
   4A, 20ns, Dual MOSFET Drivers
Rev 2; 9/10
MAX5078 MAXIM-MAX5078 Datasheet
715Kb / 12P
   4A, 20ns, MOSFET Driver
Rev 1; 9/05
MAX5078 MAXIM-MAX5078_12 Datasheet
271Kb / 13P
   4A, 20ns, MOSFET Driver
Rev 2; 9/12
MAX5054 MAXIM-MAX5054_11 Datasheet
267Kb / 15P
   4A, 20ns, Dual MOSFET Drivers TTL Logic Inputs 8-Pin TDFN and SO Packages
Rev 3; 3/11
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
   DUAL 4A SOLENOID DRIVERS
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com