Electronic Components Datasheet Search |
|
MAX5419META Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX5419META Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 15 page 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers _______________________________________________________________________________________ 9 Analog Circuitry The MAX5417/MAX5418/MAX5419 consist of a resistor array with 255 resistive elements; 256 tap points are accessible to the wiper, W, along the resistor string between H and L. The wiper tap point is selected by programming the potentiometer through the 2-wire (I2C) interface. Eight data bits, an address byte, and a con- trol byte program the wiper position. The H and L termi- nals of the MAX5417/MAX5418/MAX5419 are similar to the two end terminals of a mechanical potentiometer. The MAX5417/MAX5418/MAX5419 feature power-on reset circuitry that loads the wiper position from non- volatile memory at power-up. Digital Interface The MAX5417/MAX5418/MAX5419 feature an internal, nonvolatile EEPROM that stores the wiper state for ini- tialization during power-up. The shift register decodes the control and address bits, routing the data to the proper memory registers. Data can be written to a volatile memory register, immediately updating the wiper position, or data can be written to a nonvolatile register for storage. The volatile register retains data as long as the device is powered. Once power is removed, the volatile regis- ter is cleared. The nonvolatile register retains data even after power is removed. Upon power-up, the power-on reset circuitry controls the transfer of data from the non- volatile register to the volatile register. Serial Addressing The MAX5417/MAX5418/MAX5419 operate as a slave that receives data through an I2C- and SMBus™-com- patible 2-wire interface. The interface uses a serial data access (SDA) line and a serial clock line (SCL) to achieve communication between master(s) and slave(s). A master, typically a microcontroller, initiates all data transfers to the MAX5417/MAX5418/MAX5419, and generates the SCL clock that synchronizes the data transfer (Figure 1). The MAX5417/MAX5418/MAX5419 SDA line operates as both an input and an open-drain output. A pullup resistor, typically 4.7k Ω, is required on the SDA bus. The MAX5417/MAX5418/MAX5419 SCL operates only as an input. A pullup resistor, typically 4.7k Ω, is required on the SCL bus if there are multiple masters on the 2-wire interface, or if the master in a single-mas- ter system has an open-drain SCL output. Each transmission consists of a START (S) condition (Figure 3) sent by a master, followed by the MAX5417/MAX5418/MAX5419 7-bit slave address plus the 8th bit (Figure 4), 1 command byte (Figure 7) and 1 data byte, and finally a STOP (P) condition (Figure 3). Start and Stop Conditions Both SCL and SDA remain high when the interface is not busy. A master signals the beginning of a transmis- sion with a START condition by transitioning SDA from high to low while SCL is high. When the master has fin- ished communicating with the slave, it issues a STOP condition by transitioning the SDA from low to high while SCL is high. The bus is then free for another transmission (Figure 3). Bit Transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable while SCL is high (Figure 5). SDA START CONDITION SCL S STOP CONDITION P Figure 3. Start and Stop Conditions SDA SCL *See the Ordering Information/Selector Guide section for other address options. 01 A0 MSB LSB NOP/W ACK 01 0* 0* Figure 4. Slave Address SMBus is a trademark of Intel Corporation. |
Similar Part No. - MAX5419META |
|
Similar Description - MAX5419META |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |