Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44723A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC44723A
Description  Advanced Digital Video Encoder
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44723A Datasheet(HTML) 1 Page - Motorola, Inc

  MC44723A Datasheet HTML 1Page - Motorola, Inc MC44723A Datasheet HTML 2Page - Motorola, Inc MC44723A Datasheet HTML 3Page - Motorola, Inc MC44723A Datasheet HTML 4Page - Motorola, Inc MC44723A Datasheet HTML 5Page - Motorola, Inc MC44723A Datasheet HTML 6Page - Motorola, Inc MC44723A Datasheet HTML 7Page - Motorola, Inc MC44723A Datasheet HTML 8Page - Motorola, Inc MC44723A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MC44722A/3A Rev 0.05 07/15/98
No.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
1
Advanced Information
Advanced Digital Video Encoder
Y/Cb/Cr Output Support
HCMOS Technology
MC44722A
MC44723A
The MC44722A and MC44723A are advanced Digital Video
Encoders (DVE). They convert ITU-601/656 standard 4:2:2 Bit-
Paralellel data into analog composite video, S-Video or analog
component signals Y/Cb/Cr in PAL and NTSC formats. They
accept the multiplexed two 8-bit or 16-bit ((CB,Y,CR)Y) signals
from digital sources such as MPEG decoders and can act as a sync
generator master or as a sync slave. All video processing is done
digitally and requires no external adjustment.
Specifically designed for digital satellite, digital cable decoders,
multimedia terminals and DVD players.
• World Wide Operation (PAL-BDGHI, PAL-N,PAL-M, NTSC-M)
• SMPTE 170M / ITU - R 624 composite video output
• Programmable Color Sub-carrier Frequencies
• Analog standard timing for Horizontal, Vertical, Frame and
Composite Sync Outputs
• Sync Extraction From Digital Input Data (SAV, EAV)
• Sync Polarity and Horizontal / Vertical Phase Control
• Master or Slave Sync (H/Vsync, H/Fsync, ITU-R656 Slave) Operation
• Interlaced or Non-Interlaced Support
• 625/50 or 525/60 ITU-601/656 two 8-bit or 16-bit ((CB,Y,CR)Y) Digital Input
• Luma 2X / Chroma 4X Output interpolating Filter
• Dual Digital A / B selectable inputs
• External VBI Information Data Input (Teletext Information Data)
• Selectable One set of Signal within (CVBS/Y/C) or (Y/Cb/Cr)
• Selectable Analog Component Output ( Beta Cam or MII Component Interface Level )
• Three Analog Outputs Through 10-bit DACs
• Easily programmed via Serial Bus ( I2C or 4-Wired SPI Bus)
• 2 Hardware selectable I2C Chip Addresses
• Closed-Caption, CGMS and WSS Information data Insertion
• MACROVISION ver. 7.01 Anti-Copy Signal Insertion(MC44722A Only)
• On Chip Color - bar Generator
• 5V Tolerante Input
• +3.3V Power Supply or +3.3V(Digital)/+5V(Analog) Power Supply
• Pin Compatible with MC44722/3
The MC44722A device is protected by U.S. patent number 4,631,603,4,577,216 and 4,819,098
and other intellectual property rights. The use of Macrovision's copy protection technology in
the device must be authorized by Macrovision and is intended for home and other limited pay-
per-view uses only, unless otherwise authorized in writing by Macrovision.
Reverse engineering or disassembly is prohibited.
FT SUFFIX
48 QFP
(0.8mm Pitch)
VFU SUFFIX
48 VQFP
(0.5mm Pitch)


Similar Part No. - MC44723A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44723 MOTOROLA-MC44723 Datasheet
433Kb / 35P
   NTSC Digital Video Encoder
More results

Similar Description - MC44723A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44724A MOTOROLA-MC44724A Datasheet
372Kb / 45P
   Advanced Digital Video Encoder
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com