Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5264-NNYML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5264-NNYML
Description  150mA UCap Dual LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5264-NNYML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5264-NNYML Datasheet HTML 2Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 3Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 4Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 5Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 6Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 7Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 8Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 9Page - Micrel Semiconductor MIC5264-NNYML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Micrel, Inc.
MIC5264
April 2005
6
M9999-041505
(408) 955-1690
Functional Characteristics
Line Transient Response
Time (400µs/div)
5.0V
4.0V
COUT = 1µF Ceramic
CBYP = 0.01µF
IOUT = 150mA
VOUT = 3.0V
VIN = VOUT + 1V
Load Transient Response
Time (5µs/div)
150mA
100µA
COUT = 1µF Ceramic
CBYP = 0.01µF
VOUT = 3.0V
VIN = VOUT + 1V
Enable Pin Delay
Time (10µs/div)
CIN = 1µF Ceramic
CBYP = 0.01µF
IOUT = 10mA
VOUT = 3.0V
VIN = VOUT + 1V
Shutdown Delay
Time (100µs/div)
CIN = 1µF Ceramic
COUT = 1µF Ceramic
IOUT = 10mA
VOUT = 3.0V
VIN = VOUT + 1V


Similar Part No. - MIC5264-NNYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264-NNYML MICREL-MIC5264-NNYML Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
More results

Similar Description - MIC5264-NNYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com