Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9352 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC9352
Description  3.3V / 2.5V 1:11 LVCMOS ZERO DELAY CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9352 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC9352 Datasheet HTML 5Page - Motorola, Inc MPC9352 Datasheet HTML 6Page - Motorola, Inc MPC9352 Datasheet HTML 7Page - Motorola, Inc MPC9352 Datasheet HTML 8Page - Motorola, Inc MPC9352 Datasheet HTML 9Page - Motorola, Inc MPC9352 Datasheet HTML 10Page - Motorola, Inc MPC9352 Datasheet HTML 11Page - Motorola, Inc MPC9352 Datasheet HTML 12Page - Motorola, Inc MPC9352 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MPC9352
TIMING SOLUTIONS
9
MOTOROLA
Example Configurations for the MPC9352
Figure 3. MPC9352 Default Configuration
Figure 4. MPC9352 Zero Delay Buffer Configuration
Figure 5. MPC9352 Default Configuration
Figure 6. MPC9352 Zero Delay Buffer Config. 2
MPC9352
fref = 100 MHz
100 MHz
100 MHz
100 MHz (Feedback)
200 MHz
MPC9352 default configuration (feedback of QB0 = 100 MHz).
All control pins are left open.
MPC9352
fref = 62.5 MHz
62.5 MHz
62.5 MHz
62.5 MHz (Feedback)
62.5 MHz
MPC9352 zero–delay (feedback of QB0 = 62.5 MHz). All
control pins are left open except FSELC = 1. All outputs
are locked in frequency and phase to the input clock.
Frequency range
Min
Max
Input
50 MHz
100 MHz
QA outputs
50 MHz
10 MHz
QB outputs
50 MHz
100 MHz
QC outputs
100 MHz
200 MHz
Frequency range
Min
Max
Input
50 MHz
100 MHz
QA outputs
50 MHz
10 MHz
QB outputs
50 MHz
100 MHz
QC outputs
50 MHz
100 MHz
Frequency range
Min
Max
Input
25 MHz
50 MHz
QA outputs
50 MHz
10 MHz
QB outputs
50 MHz
100 MHz
QC outputs
100 MHz
200 MHz
Frequency range
Min
Max
Input
25 MHz
50 MHz
QA outputs
25 MHz
50 MHz
QB outputs
25 MHz
50 MHz
QC outputs
25 MHz
50 MHz
CCLK
FB_IN
FSELA
FSELB
FSELD
F_RANGE
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QA4
CCLK
FB_IN
FSELA
FSELB
FSELC
F_RANGE
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QA4
VCC
MPC9352
fref = 33.3 MHz
33.3 MHz
33.3 MHz
33.3 MHz (Feedback)
33.3 MHz
MPC9352 zero–delay (feedback of QB0 = 33.3 MHz).
Equivalent to Table 2 except F_RANGE = 1 enabling a
lower input and output clock frequency.
CCLK
FB_IN
FSELA
FSELB
FSELC
F_RANGE
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QA4
VCC
VCC
MPC9352
fref = 33.3 MHz
33.3 MHz
50 MHz
33.3 MHz (Feedback)
100 MHz
MPC9352 configuration to multiply the reference frequency
by 3, 3
÷2 and 1. PLL feedback of QA4 = 33.3 MHz.
CCLK
FB_IN
FSELA
FSELB
FSELC
F_RANGE
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QA4
VCC
VCC
VCC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9352

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9352 RENESAS-MPC9352 Datasheet
499Kb / 17P
   3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
2019
More results

Similar Description - MPC9352

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9352 RENESAS-MPC9352 Datasheet
499Kb / 17P
   3.3V/2.5V 1:11 LVCMOS Zero Delay Clock Generator
2019
MPC93R52 RENESAS-MPC93R52 Datasheet
336Kb / 14P
   3.3 V 1:11 LVCMOS Zero Delay Clock Generator
2019
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
   3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
MPC93R52 MOTOROLA-MPC93R52 Datasheet
156Kb / 16P
   LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
   1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
   1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
logo
Integrated Device Techn...
ICS8705 IDT-ICS8705 Datasheet
183Kb / 18P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8705 ICST-ICS8705 Datasheet
293Kb / 17P
   ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
   1:10 LVCMOS Zero Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com