Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7030 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7030
Description  Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7030 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7030 Datasheet HTML 7Page - Maxim Integrated Products MAX7030 Datasheet HTML 8Page - Maxim Integrated Products MAX7030 Datasheet HTML 9Page - Maxim Integrated Products MAX7030 Datasheet HTML 10Page - Maxim Integrated Products MAX7030 Datasheet HTML 11Page - Maxim Integrated Products MAX7030 Datasheet HTML 12Page - Maxim Integrated Products MAX7030 Datasheet HTML 13Page - Maxim Integrated Products MAX7030 Datasheet HTML 14Page - Maxim Integrated Products MAX7030 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Low-Cost, 315MHz, 345MHz, and 433.92MHz
ASK Transceiver with Fractional-N PLL
______________________________________________________________________________________
11
Pin Description
PIN
NAME
FUNCTION
1
PAVDD
Power-Amplifier Supply Voltage. Bypass to GND with 0.01µF and 220pF capacitors placed as close
to the pin as possible.
2
ROUT
Envelope-Shaping Output. ROUT controls the power-amplifier envelope’s rise and fall times. Connect
ROUT to the PA pullup inductor or optional power-adjust resistor. Bypass the inductor to GND as
close to the inductor as possible with 680pF and 220pF capacitors, as shown in the Typical
Application Circuit.
3
TX/RX1
Transmit/Receive Switch Throw. Drive T/R high to short TX/RX1 to TX/RX2. Drive T/R low to disconnect
TX/RX1 from TX/RX2. Functionally identical to TX/RX2.
4
TX/RX2
Transmit/Receive Switch Pole. Typically connected to ground. See the Typical Application Circuit.
5
PAOUT
Power-Amplifier Output. Requires a pullup inductor to the supply voltage (or ROUT if envelope
shaping is desired), which can be part of the output-matching network to an antenna.
6AVDD
Analog Power-Supply Voltage. AVDD is connected to an on-chip +3.0V regulator in 5V operation.
Bypass AVDD to GND with a 0.1µF and 220pF capacitor placed as close to the pin as possible.
7
LNAIN
Low-Noise Amplifier Input. Must be AC-coupled.
8
LNASRC
Low-Noise Amplifier Source for External Inductive Degeneration. Connect an inductor to GND to set
the LNA input impedance.
9
LNAOUT
Low-Noise Amplifier Output. Must be connected to AVDD through a parallel LC tank filter. AC-couple
to MIXIN+.
10
MIXIN+
Noninverting Mixer Input. Must be AC-coupled to the LNA output.
11
MIXIN-
Inverting Mixer Input. Bypass to AVDD with a capacitor as close to the LNA LC tank filter as possible.
12
MIXOUT
330
Ω Mixer Output. Connect to the input of the 10.7MHz filter.
13
IFIN-
Inverting 330
Ω IF Limiter-Amplifier Input. Bypass to GND with a capacitor.
14
IFIN+
Noninverting 330
Ω IF Limiter-Amplifier Input. Connect to the output of the 10.7MHz IF filter.
15
PDMIN
Minimum-Level Peak Detector for Demodulator Output
16
PDMAX
Maximum-Level Peak Detector for Demodulator Output
17
DS-
Inverting Data Slicer Input
18
DS+
Noninverting Data Slicer Input
19
OP+
Noninverting Op-Amp Input for the Sallen-Key Data Filter
20
DF
Data-Filter Feedback Node. Input for the feedback capacitor of the Sallen-Key data filter.
21, 25
N.C.
No Connection. Do not connect to this pin.
22
T/R
Transmit/Receive. Drive high to put the device in transmit mode. Drive low or leave unconnected to
put the device in receive mode. It is internally pulled down.
23
ENABLE
Enable. Drive high for normal operation. Drive low or leave unconnected to put the device into shut-
down mode.
24
DATA
Receiver Data Output/Transmitter Data Input
26
DVDD
Digital Power-Supply Voltage. Bypass to GND with a 0.01µF and 220pF capacitor placed as close to
the pin as possible.
27
HVIN
High-Voltage Supply Input. For 3V operation, connect HVIN to AVDD, DVDD, and PAVDD. For 5V
operation, connect only HVIN to 5V. Bypass HVIN to GND with a 0.01µF and 220pF capacitor placed
as close to the pin as possible.


Similar Part No. - MAX7030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030 MAXIM-MAX7030 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030 MAXIM-MAX7030 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7030HATJ++ MAXIM-MAX7030HATJ+ Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030HATJ++ MAXIM-MAX7030HATJ+ Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
More results

Similar Description - MAX7030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032 MAXIM-MAX7032 Datasheet
449Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com