Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7030MATJ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7030MATJ
Description  Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7030MATJ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7030MATJ Datasheet HTML 3Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 4Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 5Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 6Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 7Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 8Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 9Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 10Page - Maxim Integrated Products MAX7030MATJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Low-Cost, 315MHz, 345MHz, and 433.92MHz
ASK Transceiver with Fractional-N PLL
_______________________________________________________________________________________
7
INPUT IMPEDANCE
vs. INDUCTIVE DEGENERATION
MAX7030 toc14
INDUCTIVE DEGENERATION (nH)
10
30
40
50
60
70
80
90
20
-210
-200
-190
-180
-170
-160
-150
-220
1
100
fRF = 434MHz
IMAGINARY
IMPEDANCE
REAL IMPEDANCE
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
1M
100k
10k
1k
-110
-100
-90
-80
-70
-60
-50
-120
100
10M
fRF = 315MHz
PHASE NOISE vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
-110
-100
-90
-80
-70
-60
-50
-120
fRF = 433MHz
1M
100k
10k
1k
100
10M
Typical Operating Characteristics (continued)
(Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz, 4kbps Manchester encoded,
0.2% BER, TA = +25°C, unless otherwise noted.)
RECEIVER
INPUT IMPEDANCE
vs. INDUCTIVE DEGENERATION
MAX7030 toc13
INDUCTIVE DEGENERATION (nH)
10
30
40
50
60
70
80
90
20
-280
-270
-260
-250
-240
-230
-220
-290
1
100
fRF = 315MHz
IMAGINARY
IMPEDANCE
REAL IMPEDANCE


Similar Part No. - MAX7030MATJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030MATJ++ MAXIM-MAX7030MATJ+ Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
More results

Similar Description - MAX7030MATJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7032 MAXIM-MAX7032_09 Datasheet
320Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 1; 6/09
MAX7032 MAXIM-MAX7032 Datasheet
449Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7032 MAXIM-MAX7032_10 Datasheet
298Kb / 32P
   Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
Rev 2; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com