Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG53ABAEVB Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBSG53ABAEVB
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53ABAEVB Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBSG53ABAEVB Datasheet HTML 7Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 8Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 9Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 10Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 11Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 12Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 13Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 14Page - ON Semiconductor NBSG53ABAEVB Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NBSG53A
http://onsemi.com
11
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) for DFF Mode (VCC − VEE = 3.3 V @ 255C; Repetitive 1010 Input Data Pattern)
RMS JITTER
INPUT FREQUENCY (GHz)
0
100
200
300
400
500
600
700
800
900
1
2
3
4
5
6789
10
11
12
0
1
2
3
4
5
6
7
8
9
OLS = VCC
0
OLS = VCC − 0.4 V
*OLS = VEE
OLS = VCC − 0.8 V, OLS = FLOAT
INPUT FREQUENCY (GHz)
0
100
200
300
400
500
600
700
800
900
123
4
56789
10
11
12
OLS = VCC
0
OLS = VCC − 0.4 V
*OLS = VEE
OLS = VCC − 0.8 V, OLS = FLOAT
Figure 5. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) for DIV/2 Mode (VCC − VEE = 3.3 V @ 255C)
*When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.


Similar Part No. - NBSG53ABAEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Similar Description - NBSG53ABAEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com