Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU9C8K64-35TDC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MU9C8K64-35TDC
Description  MU9C Routing Coprocessor (RCP) Family
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MU9C8K64-35TDC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MU9C8K64-35TDC Datasheet HTML 6Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 7Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 8Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 9Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 10Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 11Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 12Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 13Page - List of Unclassifed Manufacturers MU9C8K64-35TDC Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MU9C Binary Routing Coprocessor (RCP) Family
Register Descriptions
10
Rev. 6
Mask Registers
There are seven 64-bit mask registers that are used to mask
Compare and Write cycles. When a bit is set LOW in a
selected mask register, the corresponding bit enters into
comparison during a Compare cycle, or is written during a
Write cycle. When a bit is set HIGH in a selected mask
register, the corresponding bit does not enter into
comparison during a Compare cycle, or remains
unchanged after a Write cycle.
Address Register
The 32-bit Address register is used for indirect addressing
of the Address Database. When random access to the
Address Database is restricted to indirect addressing, the
width of the control bus can be reduced to 9 bits if
masking is used or 6 bits if it is not. Control states allow
increment and decrement of the Address register as well as
auto-increment and auto-decrement Read and Write
cycles. Bits AR12–0 hold the address while bits AR31–13
are reserved and should be set LOW.
Configuration Register
The 32-bit Configuration register sets the persistent
operating conditions of the MU9C RCP. Bits FR31–29
select which mask register is used for direct Write cycles
to the Address database when the address is conveyed on
the AC bus (/AV=LOW), a value of 000 in this field
results in unmasked direct Write cycles. Bits FR27–26
select the mode of operation: Hardware Control mode or
Software Control mode. Bit FR25 is used to identify the
lowest-priority device in a vertically cascaded system. Bits
FR3–0 hold the device Page address. All other bits are
reserved and should be set LOW. See Table 3.
Status Register
The 32-bit Status register holds the results of the most
recent control state that caused the PA:AA lines to change.
It is intended for use in Software Control mode where
results of an operation are read from the MU9C through
the DQ31–0 lines. Bit SR30 holds the Match flag, /MF,
which goes LOW when there is a match in the Address
Database. Bit SR29 holds an internal version of the
Multiple Match flag, /MM, which is LOW if there is a
multiple match in the particular device; note that this is not
a system-level multiple match indication. Bit SR28 holds
the Full flag, /FF, which goes LOW when all the Address
Database locations are set valid, and the /FI line is LOW.
Bits SR25–24 indicate the type of result held in the Active
Address field: Match address, Memory Access address, or
Reset state. Bits SR19–16 hold the Page address, PA3–0,
for the device. Bits SR12–0 hold the Active address,
identical to that on the AA bus. All other bits are reserved
and are set LOW. See Table 4.
Next Free Address Register
The 32-bit Next Free Address register holds the
highest-priority address that has its Validity bit set empty
(HIGH). System-level prioritization ensures that only the
device with the highest-priority empty address in a
vertically cascaded system will respond to a Read Next
Free Address Register Control state. Bits NF19–16 hold
the device Page address, PA3–0. Bits NF12–0 hold the
next free address value. All other bits are reserved, and are
set LOW. See Table 5.
Device Select Register
The 32-bit Device Select register is used for software
selection of the MU9C RCP. A particular device is selected
when the value in bits DS3–0 are the same as the Page
Address value PA3–0 and the Device Select Enable bit,
DS8, is set LOW. Setting DS8 HIGH prevents the Device
Select register from enabling the MU9C RCP. All other bits
are reserved and should be set LOW. See Table 6.
Instruction Register
In Software Control mode, control states are written to the
32-bit Instruction register instead of being fed to the
MU9C RCP through the DSC and AC11–0 lines. Bits
IR12–0 are equivalent to the DSC and AC11–0 lines and
the control states they invoke are identical to those of the
Hardware Control mode. The remaining bits are reserved
and should be set LOW.
The Address Database
The Address Database is organized as 4096 or 8192 64-bit
locations: location 0000H as the highest-priority location,
and location 0FFFH or 1FFFH as the lowest-priority
location. Write cycles to the next free address start at
location 0000H when the MU9C RCP is empty, and
continue down to 0FFFH or 1FFFH when it becomes full.
Each 64-bit location in the Address Database array has one
extra bit, the Validity bit, which is used to indicate whether
the location is empty or has valid contents. When the
Validity bit is HIGH, the location is empty and is not
compared during Comparison cycles; when it is LOW the
contents are valid and will be compared during a
Comparison cycle. The Validity bits are set or reset during
Write cycles through the /VB line. The Validity bit of a
location is accessed on the /VB line during a Read cycle.
The Validity bits can be set and reset through control
states. The Validity bits also are used in the generation of
the next free address value.
Address Database Access
Data is written to or read from the Address Database array
either randomly by address, or associatively by
comparison and next free address. Random addressing can
be either direct with the address on the DSC and AC12–0
lines (/AV=LOW) or indirect with the address held in the


Similar Part No. - MU9C8K64-35TDC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8K64-35TDC MUSIC-MU9C8K64-35TDC Datasheet
1Mb / 35P
   MU9C RCP Family
More results

Similar Description - MU9C8K64-35TDC

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
   MUAA Routing CoProcessor (RCP) Family
MU9C4K64 MUSIC-MU9C4K64 Datasheet
1Mb / 35P
   MU9C RCP Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
   MUAA Routing Co-Processor (RCP) Family
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
   Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
   Routing card
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
   Routing card
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
ATMEL Corporation
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
   Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
   Routing Card
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com