Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG53AMNR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NBSG53AMNR2
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53AMNR2 Datasheet(HTML) 5 Page - ON Semiconductor

  NBSG53AMNR2 Datasheet HTML 1Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 2Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 3Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG53AMNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NBSG53A
http://onsemi.com
5
Table 7. DC CHARACTERISTICS, INPUT WITH PECL OUTPUT VCC = 2.5 V; VEE = 0 V (Note 8)
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
33
45
57
33
45
57
33
45
57
mA
VOH
Output HIGH Voltage (Note 9)
1460
1510
1560
1490
1540
1590
1515
1565
1615
mV
VOL
Output LOW Voltage (Note 9)
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
555
1235
775
1455
1005
705
1295
895
1505
1095
855
1355
1015
1555
1185
595
1270
810
1490
1040
745
1330
930
1540
1130
895
1390
1050
1590
1220
625
1295
840
1510
1065
775
1355
960
1560
1155
925
1415
1080
1610
1245
mV
VOUTPP
Output Voltage Amplitude
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
715
125
525
0
325
805
215
615
5
415
705
120
520
0
320
795
210
610
0
410
700
120
515
0
320
790
210
605
5
410
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 11 and 13)
CLK, CLK, D, D
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 12 and 13)
CLK, CLK, D, D
VEE
VCC
1400*
VIH
150
VEE
VCC
1400*
VIH
150
VEE
VCC
1400*
VIH
150
mV
VIH
Input High Voltage (Single−Ended)
R, SEL
1290
VCC
1355
VCC
1415
VCC
mV
VIL
Input Low Voltage (Single−Ended)
R, SEL
VEE
890
VEE
955
VEE
1015
mV
VTHR
Input Threshold Voltage (Single−Ended)
(Note 13)
VEE+
1125
VCC
75
VEE+
1125
VCC
75
VEE+
1125
VCC
75
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
1.2
2.5
1.2
2.5
1.2
2.5
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@VIH)
R, SEL
CLK, CLK, D, D
35
5
100
50
35
5
100
50
35
5
100
50
mA
IIL
Input LOW Current (@VIL)
R, SEL
CLK, CLK, D, D
20
5
100
50
20
5
100
50
20
5
100
50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −0.965 V.
9. All outputs loaded with 50
W to VCC − 2.0 V.
10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
11. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
12. VIL always w VEE. |VIL − VTHR| < 2600 mV.
13. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Similar Part No. - NBSG53AMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53AMNR2 ONSEMI-NBSG53AMNR2 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53AMNR2G ONSEMI-NBSG53AMNR2G Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53AMNR2G ONSEMI-NBSG53AMNR2G Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
More results

Similar Description - NBSG53AMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com