Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU8721V Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU8721V
Description  CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8721V Datasheet(HTML) 2 Page - New Japan Radio

  NJU8721V Datasheet HTML 1Page - New Japan Radio NJU8721V Datasheet HTML 2Page - New Japan Radio NJU8721V Datasheet HTML 3Page - New Japan Radio NJU8721V Datasheet HTML 4Page - New Japan Radio NJU8721V Datasheet HTML 5Page - New Japan Radio NJU8721V Datasheet HTML 6Page - New Japan Radio NJU8721V Datasheet HTML 7Page - New Japan Radio NJU8721V Datasheet HTML 8Page - New Japan Radio NJU8721V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJU8721
- 2 -
! TERMINAL DESCRIPTION
No.
SYMBOL
I/O
FUNCTION
1
STBY
I
Standby Control Terminal
Low : Standby ON
High : Standby OFF
2
TEST
I
Manufacturer Testing Terminal
Normally connect to GND.
3
VSSR
Rch Power GND, VSSR=0V
4
OUTR
O
Rch Output Terminal
5
VDDR
Rch Power Supply, VDDR=VDD to 5.0V
6
VDDL
Lch Power Supply, VDDL=VDD to 5.0V
7
OUTL
O
Lch Output terminal
8
VSSL
Lch Power GND, VSSL=0V
9
MODE
I
Control Mode selection Terminal
Low : Parallel Control Mode
High : Serial Control Mode
10
RST
I
Reset Terminal
Low : Reset ON
High : Reset OFF
11
VSS
Logic Power GND, VSS=0V
12
MCK
I
Master Clock Input Terminal
256fS clock inputs this terminal.
13
BCK
I
Serial Audio Data Bit Clock Input Terminal
This clock must synchronize with MCK input signal.
14
LRCK
I
L/R Channel Clock Input Terminal
This clock must synchronize with MCK input signal.
15
DIN
I
Serial Audio Data Input Terminal
16
MUTE
I
Mute Control Terminal
Low : Mute ON
High : Mute OFF
17
F2/SCK
I
MODE=”Low”
: Serial Audio Interface Format Selection Terminal 2
MODE=”High”
: Control Register Data Shift Clock Input Terminal
The data is fetched into the control register by rise edge of SCK
signal.
18
F1/REQ
I
MODE=”Low”
: Serial Audio Interface Format Selection Terminal 1
MODE=”High”
: Control Register Data Request Input Terminal
19
F0/DATA
I
MODE=”Low”
: Serial Audio Interface Format Selection Terminal 0
MODE=”High”
: Control Register Data Input Terminal
20
VDD
Logic Power Supply, VDD=3.3V
! INPUT TERMINAL STRUCTURE
VDD
VSS
Input Terminal
Inside Circuit


Similar Part No. - NJU8721V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
   CLASS D AMPLIFIER FOR DIGITAL AUDIO
More results

Similar Description - NJU8721V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
   CLASS D AMPLIFIER FOR DIGITAL AUDIO
logo
Rohm
BU7839GVW ROHM-BU7839GVW_10 Datasheet
392Kb / 16P
   Digital Input Class-D Headphone Amplifier
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Rohm
BU7839GVW ROHM-BU7839GVW Datasheet
691Kb / 16P
   Digital Input Hi-Fi Class-D Headphone Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
   2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com