Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIC7113A4 Datasheet(PDF) 5 Page - International Rectifier

Part # RIC7113A4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RIC7113A4 Datasheet(HTML) 5 Page - International Rectifier

  RIC7113A4 Datasheet HTML 1Page - International Rectifier RIC7113A4 Datasheet HTML 2Page - International Rectifier RIC7113A4 Datasheet HTML 3Page - International Rectifier RIC7113A4 Datasheet HTML 4Page - International Rectifier RIC7113A4 Datasheet HTML 5Page - International Rectifier RIC7113A4 Datasheet HTML 6Page - International Rectifier RIC7113A4 Datasheet HTML 7Page - International Rectifier RIC7113A4 Datasheet HTML 8Page - International Rectifier RIC7113A4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RIC7113A4
www.irf.com
5
International Rectifier radiation hardened Gate Drivers have been characterized in heavy ion environment
for Single Event Effects (SEE). Single Event Effects characterization data is illustrated below. For Static Bias
Test Conditions refer to figure 8.
Single Event Effect Safe Operating Area
Ion
LET
Energy
Angle
V
S
(V)
MeV/(mg/cm2))
(MeV)
(degrees)
@V
BS
=-10V
@V
BS
=-15V
@V
BS
=-17.5V
Br
37
284
0
400
400
400
I
60
344
0
325
250
200
Au
82
346
0
250
200
175
I
85
344
45
400
400
350
Au
100
346
35
400
400
350
Note: VCC/VDD = 20V, except for LET=100, then VCC/VDD = 17.5V
Single Event Effect, Safe Operating Area
Radiation characteristics
STATIC BIAS
0
50
100
150
200
250
300
350
400
450
-10
-15
-17.5
VB (V)
Br, 0° angle
I, 0° angle
Au, 0° angle
I, 45° angle
Au, 35° angle


Similar Part No. - RIC7113A4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113A4 IRF-RIC7113A4 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
More results

Similar Description - RIC7113A4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4_15 Datasheet
227Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4 Datasheet
155Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4_15 Datasheet
215Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
   Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com