Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C185-01LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C185-01LE
Description  Precision 1-5 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C185-01LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C185-01LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C185-01LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C185-01LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C185-01LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C185-01LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C185-01LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C185-01LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8318E
10/14/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C185-01
Precision 1-5 Clock Buffer
Pin Description
SerialConfigurationMap
Byte0: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
Note:
Inactive means outputs are held LOW and are
disabled from switching
I2C Address Assignment
6
A5
A4
A3
A2
A1
A0
AW
/
R
11
0
1
0
0
1
0
t
i
B#
n
i
Pn
o
i
t
p
i
r
c
s
e
D
7
ti
B2
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
3
M
A
R
D
S
6
ti
B1
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
2
M
A
R
D
S
5
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
4
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
3
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
2
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
1
ti
B3
)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
1
M
A
R
D
S
0
ti
B2
)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
0
M
A
R
D
S
Byte1: SDRAM Active/Inactive Register
(1 = enable, 0 = disable)
t
i
B#
n
i
Pn
o
i
t
p
i
r
c
s
e
D
7
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
6
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
5
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
4
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
3
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
2
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
1
ti
B-
)
0
o
t
e
z
il
a
it
i
n
I
(
C
N
0
ti
B5
1)
e
v
it
c
a
n
I
/
e
v
it
c
A
(
4
M
A
R
D
S
n
i
Pl
a
n
g
i
Se
p
y
Ty
t
Qn
o
i
t
p
i
r
c
s
e
D
5
1
,
2
1
,
1
1
,
3
,
2]
4
.
0
[
M
A
R
D
SI
5
s
t
u
p
t
u
O
k
c
o
l
C
d
e
r
e
f
f
u
B
5N
I
_
F
U
BI
1
t
u
p
n
I
r
e
f
f
u
B
k
c
o
l
C
7A
T
A
D
SO
/
I1
I
r
o
f
a
t
a
D
l
a
i
r
e
S
2
p
u
-l
l
u
p
l
a
n
r
e
t
n
i
,
e
c
a
f
r
e
t
n
i
C
8K
L
C
SI
1
I
r
o
f
k
c
o
l
C
l
a
i
r
e
S
2
p
u
-l
l
u
p
l
a
n
r
e
t
n
i
,
e
c
a
f
r
e
t
n
i
C
6
1
,
3
1
,
6
,
1V D
D
r
e
w
o
P4
y
l
p
p
u
S
r
e
w
o
P
V
3
.
3
4
1
,
0
1
,
9
,
4V S
S
d
n
u
o
r
G4
d
n
u
o
r
G


Similar Part No. - PI6C185-01LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-01BL PERICOM-PI6C185-01BL Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-01BQ PERICOM-PI6C185-01BQ Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
More results

Similar Description - PI6C185-01LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
ON Semiconductor
PCS2P2305NZ ONSEMI-PCS2P2305NZ Datasheet
283Kb / 8P
   3.3V 1:5 Clock Buffer
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com