Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C185-01QI Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C185-01QI
Description  Precision 1-5 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C185-01QI Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C185-01QI Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C185-01QI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C185-01QI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C185-01QI Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C185-01QI Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C185-01QI Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C185-01QI Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8318E
10/14/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C185-01
Precision 1-5 Clock Buffer
SDRAM Clock Buffer Operating Specification
DC Operating Specifications (VDD = +3.3V ±5%, TA = 0°C - 70°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
I
N
I
M
H
O
t
n
e
r
r
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
2
=4
5
A
m
I
X
A
M
H
O
t
n
e
r
r
u
c
p
u
-l
l
u
PV T
U
O
V
5
3
1
.
3
=6
4
I
N
I
M
L
O
t
n
e
r
r
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
0
.
1
=4
5
I
X
A
M
L
O
t
n
e
r
r
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
4
.
0
=3
5
t H
R
M
A
R
D
Sy
l
n
o
M
A
R
D
S
e
t
a
r
e
g
d
e
e
s
i
r
t
u
p
t
u
OV
4
.
2
-
V
4
.
0
@
%
5
±
V
3
.
35
.
14
s
n
/
V
t H
F
M
A
R
D
Sy
l
n
o
M
A
R
D
S
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
OV
4
.
0
-
V
4
.
2
@
%
5
±
V
3
.
35
.
14
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
e
g
a
t
l
o
V
t
u
p
n
I
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
IV D
D
0
.
2V D
D
3
.
0
+
V
V L
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
IV S
S
3
.
0
–8
.
0
I L
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IV
<
0
N
I
V
<
D
D
5
-5
+
µA
V D
D
%
5
±
V
3
.
3
=
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI H
O
A
m
1
-
=4
.
2
V
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
OI L
O
A
m
1
=4
.
0
C N
I
e
c
n
a
ti
c
a
p
a
C
n
i
P
t
u
p
n
I5
F
p
C
T
U
O
e
c
n
a
ti
c
a
p
a
C
s
n
i
p
t
u
p
t
u
O6
L N
I
P
e
c
n
a
t
c
u
d
n
I
n
i
P7
H
n
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
Aw
o
lf
ri
A
o
N0
0
7C
º
AC Timing
Symbol
Parameter
66 MHz
100MHz
133MHz
Units
Min.
Max.
Min.
Max.
Min. Max.
TDSKP
SDRAMCLKperiod
15.0
15.5
10.0
10.5
7.5
8.0
ns
TSDKH
SDRAM CLK high time
5.6
3.3
2.2
ns
TSDKL
SDRAMCLKlowtime
5.3
3.1
2.0
ns
TSDRISE
SDRAMCLKrisetime
1.5
4.0
1.5
4.0
1.4
4.0
V/ns
TSDFALL
SDRAMCLKfalltime
1.5
4.0
1.5
4.0
1.4
4.0
V/ns
tPLH
SDRAM Buffer LH prop delay
1.0
5.5
1.0
5.0
1.0
5.0
ns
tPHL
SDRAM Buffer HL prop delay
1.0
5.5
1.0
5.0
1.0
5.0
ns
DutyCycle Measured at 1.5V
45
55
45
55
45
55
%
tSDSKW
SDRAM Output to Output Skew
250
250
250
ps


Similar Part No. - PI6C185-01QI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-01BL PERICOM-PI6C185-01BL Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C185-01BQ PERICOM-PI6C185-01BQ Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
More results

Similar Description - PI6C185-01QI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
ON Semiconductor
PCS2P2305NZ ONSEMI-PCS2P2305NZ Datasheet
283Kb / 8P
   3.3V 1:5 Clock Buffer
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com