Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93C56LZM8 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93C56LZM8
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93C56LZM8 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  NM93C56LZM8 Datasheet HTML 1Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 2Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 3Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 4Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 5Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 6Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 7Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 8Page - National Semiconductor (TI) NM93C56LZM8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STANDARD VOLTAGE (45V s VCC s 55V) SPECIFICATIONS
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Ambient Storage Temperature
b
65 Cto a150 C
All Input or Output Voltage
with Respect to Ground
VCC a 1to b03V
Lead Temperature (Soldering 10 sec)
a
300 C
ESD Rating
2000V
Operating Conditions
Ambient Operating Temperature
NM93C06LZ46LZ56LZ66LZ
0 Cto a70 C
NM93C06LZE46LZE56LZE66LZE
b
40 Cto a85 C
NM93C06LZV46LZV56LZV66LZV b40 Cto a125 C
Power Supply (VCC) Range
45V to 55V
DC and AC Electrical Characteristics 45V s VCC s 55V
Symbol
Parameter
Part Number
Conditions
Min
Max
Units
ICC1
Operating Current
NM93C06465666LZ
CS e VIH SK e 1 MHz
2
mA
CMOS Input Levels
NM93C06465666LZEV
SK e 1 MHz
2
ICC2
Operating Current
NM93C06465666LZ
CS e VIH SK e 1 MHz
3
mA
TTL Input Levels
NM93C06465666LZEV
3
ICC3
Standby Current
NM93C06465666LZ
CS e 0V
50
m
A
NM93C06465666LZEV
50
IIL
Input Leakage
NM93C06465666LZ
VIN e 0V to VCC
b
25
25
nA
NM93C06465666LZEV
b
10
10
IOL
Output Leakage
NM93C06465666LZ
VIN e 0V to VCC
b
25
25
nA
NM93C06465666LZEV
b
10
10
VIL
Input Low Voltage
b
01
08
V
VIH
Input High Voltage
2
VCC a 1V
VOL1
Output Low Voltage
NM93C06465666LZ
IOL e 21 mA
04
V
NM93C06465666LZEV
IOH e 21 mA
04
VOH1
Output High Voltage
IOL eb400 mA
24
V
VOL2
Output Low Voltage
NM93C06465666LZ
IOL e 10 mA
02
V
NM93C06465666LZEV
VOH2
Output High Voltage
IOH eb10 mA
09 VCC
V
fSK
SK Clock Frequency
NM93C06465666LZ
0
1
MHz
NM93C06465666LZEV
0
1
tSKH
SK High Time
NM93C06465666LZ
250
ns
NM93C06465666LZEV
300
tSKL
SK Low Time
NM93C06465666LZ
250
ns
NM93C06465666LZEV
250
tCS
Minimum CS Low Time
NM93C06465666LZ
(Note 3)
250
ns
NM93C06465666LZEV
250
tCSS
CS Setup Time
NM93C06465666LZ
Relative to SK
50
ns
NM93C06465666LZEV
50
tDH
DO Hold Time
Relative to SK
70
ns
http
www nationalcom
4


Similar Part No. - NM93C56LZM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C56LEM8 NSC-NM93C56LEM8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C56LEMT8 NSC-NM93C56LEMT8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C56LEN NSC-NM93C56LEN Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C56LM8 NSC-NM93C56LM8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C56LMT8 NSC-NM93C56LMT8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
More results

Similar Description - NM93C56LZM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
NMC93CS56 NSC-NMC93CS56 Datasheet
324Kb / 11P
   2048-BIT / 4096-BIT SERIAL ELECTRICALLY ERASABLE PROGRMMABLE MEMORIES
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Fairchild Semiconductor
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com