Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2101IRGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2101IRGER
Description  MIXED SIGNAL MICROCONTROLLER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2101IRGER Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F2101IRGER Datasheet HTML 1Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 2Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 3Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 4Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 5Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 6Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 7Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 8Page - Texas Instruments MSP430F2101IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439C − SEPTEMBER 2004 − REVISED JULY 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
device pinout
RGE PACKAGE
(TOP VIEW)
DW, PW, or DGV PACKAGE
(TOP VIEW)
Note: NC pins not internally connected
Power Pad connection to VSS recommended
10
1
9
7
8
6
5
4
3
2
11
20
12
14
13
15
16
17
18
19
TEST
VCC
P2.5/CA5
VSS
XOUT/P2.7/CA7
XIN/P2.6/CA6
RST/NMI
P2.0/ACLK/CA2
P2.1/INCLK/CA3
P2.2/CAOUT/TA0/CA4
P1.7/TA2/TDO/TDI
P1.6/TA1/TDI/TCLK
P1.5/TA0/TMS
P1.3/TA2
P1.2/TA1
P1.1/TA0
P1.0/TACLK
P2.4/TA2/CA1
P2.3/TA1/CA0
P1.4/SMCLK/TCK
1
6
5
4
3
2
18
13
14
15
16
17
712
11
10
9
8
19
24 23 22 21 20
VSS
XOUT/P2.7/CA7
XIN/P2.6/CA6
RST/NMI
P2.0/ACLK/CA2
P1.5/TA0/TMS
P1.3/TA2
P1.2/TA1
P1.1/TA0
P1.0/TACLK
P1.4/SMCLK/TCK
NC
functional block diagram
Basic Clock
System+
RAM
256B
256B
128B
128B
Brownout
Protection
RST/NMI
VCC
VSS
MCLK
SMCLK
Watchdog
WDT+
15/16−Bit
Timer_A3
3CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2BP)
XOUT
JTAG
Interface
Flash
8kB
4kB
2kB
1kB
ACLK
XIN
Port P1
8I/O
Interrupt
capability,
pull−up/down
resistors
Comparator
_A+
8 Channel
Input Mux
P1.x & JTAG
8
P2.x &
XIN/XOUT
8
Port P2
8 I/O
Interrupt
capability,
pull−up/down
resistors
MDB
MAB
NOTE: See port schematics section for detailed I/O information.


Similar Part No. - MSP430F2101IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2101IRGER TI-MSP430F2101IRGER Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IRGER TI-MSP430F2101IRGER Datasheet
1Mb / 52P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IRGER TI-MSP430F2101IRGER Datasheet
1Mb / 57P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IRGER TI-MSP430F2101IRGER Datasheet
1Mb / 60P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2101IRGER TI1-MSP430F2101IRGER Datasheet
1Mb / 62P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2101IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com