Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93C06LZEN Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93C06LZEN
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93C06LZEN Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button NM93C06LZEN Datasheet HTML 4Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 5Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 6Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 7Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 8Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 9Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 10Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 11Page - National Semiconductor (TI) NM93C06LZEN Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
Molded Small Out-Line Package (M8)
NS Package Number M08A
http
www nationalcom
10


Similar Part No. - NM93C06LZEN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C06LZEN FAIRCHILD-NM93C06LZEN Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - NM93C06LZEN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
NMC93CS56 NSC-NMC93CS56 Datasheet
324Kb / 11P
   2048-BIT / 4096-BIT SERIAL ELECTRICALLY ERASABLE PROGRMMABLE MEMORIES
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Fairchild Semiconductor
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com