Electronic Components Datasheet Search |
|
SY58029U Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
SY58029U Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 11 page 5 Precision Edge® SY58029U Micrel, Inc. M9999-051105 hbwhelp@micrel.com or (408) 955-1690 VCC = 2.5V ±5% or 3.3V ±10%; RL = 50Ω to VCC–2V; TA= –40°C to +85°C, VIN ≥ 100mV, unless otherwise stated. Symbol Parameter Condition Min Typ Max Units fMAX Maximum Operating Frequency NRZ Data 5 Gbps VOUT ≥ 400mV Clock 4 GHz tpd Propagation Delay (Diff) (IN-to-Q) VIN ≥ 100mV 215 390 ps (SEL-to-Q) 100 500 ps tpd Tempco Differential Propagation Delay 115 fs/ °C Temperature Coefficient tSKEW Output-to-Output Note 9 715 ps Part-to-Part Note 10 100 ps tJITTER Data Random Jitter Note 11 2.5Gbps to 3.2Gbps 1 psRMS Deterministic Jitter Note 12 2.5Gbps to 3.2Gbps 10 psPP Clock Cycle-to-Cycle Jitter Note 13 1psRMS Total Jitter Note 14 10 psPP Crosstalk Induced Jitter Note 15 0.7 psRMS (Adjacent Channel) tr, tf Output Rise/Fall Time 20% to 80%, VIN = 800mV, full output swing 35 60 110 ps Notes: 8. High frequency AC electricals are guaranteed by design and characterization. 9. Output-to-output skew is measured between outputs under identical input conditions. 10. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs. 11. Random jitter is measured with a K28.7 comma detect character pattern, measured at 2.5Gbps to 3.2Gbps. 12. Deterministic jitter is measured at 2.5Gbps to 3.2Gbps, with both K28.5 and 223–1 PRBS pattern. 13. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output signal. 14. Total jitter definition: with an ideal clock input of frequency ≤ fMAX, no more than one output edge in 1012 output edges will deviate by more than the specified peak-to-peak jitter value. 15. Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs. AC ELECTRICAL CHARACTERISTICS(8) SINGLE-ENDED AND DIFFERENTIAL SWINGS VIN, VOUT 800mV (Typ.) Figure 1a. Single-Ended Voltage Swing VDIFF_IN, VDIFF_OUT 1.6V (Typ.) Figure 1b. Differential Voltage Swing |
Similar Part No. - SY58029U |
|
Similar Description - SY58029U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |