Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87322VF Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87322VF Datasheet HTML 1Page - National Semiconductor (TI) PC87322VF Datasheet HTML 2Page - National Semiconductor (TI) PC87322VF Datasheet HTML 3Page - National Semiconductor (TI) PC87322VF Datasheet HTML 4Page - National Semiconductor (TI) PC87322VF Datasheet HTML 5Page - National Semiconductor (TI) PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
Table of Contents (Continued)
70 PARALLEL PORT
56
71 Introduction
56
72 Data Register (DTR)
56
73 Status Register (STR)
56
74 Control Register (CTR)
57
75 Enhanced Parallel Port Operation
57
80 INTEGRATED DEVICE ELECTRONICS
INTERFACE (IDE)
62
81 Introduction
62
82 IDE Signals
62
90 DEVICE DESCRIPTION
63
91 DC Electrical Characteristics
63
92 AC Electrical Characteristics
65
921 AC Test Conditions
65
922 Clock Timing
65
923 Microprocessor Interface Timing
66
924 Baudout Timing
67
925 Transmitter Timing
68
926 Receiver Timing
69
927 MODEM Control Timing
70
928 DMA Timing
71
929 Reset Timing
72
9210 Write Data Timing
72
9211 Drive Control Timing
73
9212 Read Data Timing
73
9213 IDE Timing
73
9214 Parallel Port Timing
74
9215 Enhanced Parallel Port Timing
75
100 REFERENCE SECTION
76
101 Mnemonic Definitions for FDC Commands
76
102 Example Four Drive Circuit
Using the PC87322VF
77
List of Figures
FIGURE 2-1
PC87322VF Configuration Registers
13
FIGURE 3-1
FDC Functional Block Diagram
20
FIGURE 4-1
IBM
Perpendicular and ISO Formats Supported by Format Command
32
FIGURE 5-1
FDC Data Separator Block Diagram
46
FIGURE 5-2
PC87322VF Dynamic Window Margin Performance
47
FIGURE 5-3
Read Data AlgorithmState Diagram
48
FIGURE 5-4
Perpendicular Recording Drive RW Head and Pre-Erase Head
48
FIGURE 6-1
PC87322VF Composite Serial Data
50
FIGURE 7-1
EPP 17 Address Write
58
FIGURE 7-2
EPP 17 Address Read
59
FIGURE 7-3
EPP Write with ZWS
59
FIGURE 7-4
EPP 19 Address Write
59
FIGURE 7-5
EPP 19 Address Read
60
FIGURE 9-1
Clock Timing
65
FIGURE 9-2
Microprocessor Read Timing
66
FIGURE 9-3
Microprocessor Write Timing
67
FIGURE 9-4
Baudout Timing
67
FIGURE 9-5
Transmitter Timing
68
FIGURE 9-6a
Receiver Timing
69
FIGURE 9-6b
PC87322VF FIFO Mode Receiver Timing
69
FIGURE 9-6c
PC87322VF Timeout Receiver Timing
70
FIGURE 9-7
MODEM Control Timing
70
FIGURE 9-8
DMA Timing
71
FIGURE 9-9
Reset Timing
72
FIGURE 9-10
Write Data Timing
72
FIGURE 9-11
Drive Control Timing
73
FIGURE 9-12
Read Data Timing
73
FIGURE 9-13
IDE Timing
73
FIGURE 9-14
Parallel Port Interrupt Timing (Compatible Mode)
74
FIGURE 9-15
Parallel Port Interrupt Timing (Extended Mode)
74
FIGURE 9-16
Typical Parallel Port Data Exchange
74
FIGURE 9-17
Enhanced Parallel Port Timing
75
FIGURE 10-1
PC87322VF Four Floppy Drive Circuit
77
FIGURE 10-2
IDE Interface Signal Equations (Non-DMA)
77
FIGURE 10-3
PC87322VF Adapter Card Schematic
78
3


Similar Part No. - PC87322VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303 NSC-PC87303 Datasheet
1Mb / 114P
   PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
   PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
   PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87306VUL NSC-PC87306VUL Datasheet
1Mb / 110P
   PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
More results

Similar Description - PC87322VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87311A NSC-PC87311A Datasheet
879Kb / 78P
   PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
   PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87332VLJ NSC-PC87332VLJ Datasheet
887Kb / 98P
   PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
logo
List of Unclassifed Man...
FDC9266 ETC2-FDC9266 Datasheet
1Mb / 16P
   SINGLE/DOUBLE DENSITY ENHANCED FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
   PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com