Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87383-VS Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383-VS
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383-VS Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87383-VS Datasheet HTML 6Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 7Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 8Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 9Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 10Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 11Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 12Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 13Page - National Semiconductor (TI) PC87383-VS Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
1.0 Signal/Pin Connection and Description (Continued)
www.national.com
10
Revision 1.1
1.3
DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all PC87383 signals.
1.3.1
LPC Bus Interface
1.3.2
Clocks
1.3.3
Parallel Port
Signal
Pin(s)
I/O
Buffer Type
Description
LAD3-0
53, 51,
46, 42
I/O
INPCI/OPCI
LPC Address-Data. Multiplexed command, address bidirectional data
and cycle status.
LCLK
33
I
INPCI
LPC Clock. Same as PCI clock (up to 33 MHz).
LDRQ
22
O
OPCI
LPC DMA Request. Encoded DMA request for LPC interface.
LFRAME
38
I
INPCI
LPC Frame. Low pulse indicates the beginning of a new LPC cycle or
termination of a broken cycle.
LRESET
35
I
INPCI
LPC Reset. In a practical implementation, it is connected to the PCI
system reset.
SERIRQ
36
I/O
INPCI/OPCI
Serial IRQ. The interrupt requests are serialized over a single pin, where
each IRQ level is delivered during a designated time slot.
LPCPD
29
I
INPCI
Power Down. Indicates that the peripheral should prepare for power to
be shut down on the LPC interface.
CLKRUN
27
I/OD
INPCI/OD6
Clock Run. Same as PCI CLKRUN.
Signal
Pin(s)
I/O
Buffer Type
Description
CLKIN
58
I
INT
Clock In. 14.318 MHz or 48 MHz clock input.
Signal
Pin(s)
I/O
Buffer Type
Description
ACK
28
I
INT
Acknowledge. Pulsed low by the printer to indicate that it has received
data from the parallel port.
AFD_DSTRB
57
O
OD14,O14/14 AFD - Automatic Feed. When low, instructs the printer to
automatically feed a line after printing each line. This pin is in TRI-
STATE after a 0 is loaded into the corresponding control register bit.
An external 4.7 K
Ω pull-up resistor must be connected to this pin.
DSTRB - Data Strobe (EPP). Active low; used in EPP mode to
denote a data cycle. When the cycle is aborted, DSTRB becomes
inactive (high).
BUSY_WAIT
26
I
INT
Busy. Set high by the printer when it cannot accept another character.
Wait. In EPP mode, the parallel port device uses this active low signal
to extend its access cycle.
ERR
54
I
INT
Error. Set active low by the printer when it detects an error.
INIT
56
O
OD14,O14/14 Initialize. When low, initializes the printer. This signal is in TRI-STATE
after a 1 is loaded into the corresponding control register bit. An
external 4.7 K
Ω pull-up resistor must be connected to this pin.
PD7-0
30, 34,
37, 39, 6,
43, 50, 52
I/O
INT/O14/14
Parallel Port Data. Transfers data to and from the peripheral data bus
and the appropriate parallel port data register. These signals have a
high current drive capability.
PE
25
I
INT
Paper End. Set high by the printer when it is out of paper. This pin
has an internal weak pull-up or pull-down resistor.


Similar Part No. - PC87383-VS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87382-VBH NSC-PC87382-VBH Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
More results

Similar Description - PC87383-VS

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
WPCN383U NUVOTON-WPCN383U Datasheet
166Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports, Parallel Port and GPIOs for Portable Applications
WPCN381U NUVOTON-WPCN381U Datasheet
628Kb / 67P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
logo
Winbond
WPCN381U WINBOND-WPCN381U Datasheet
79Kb / 3P
   Legacy-Reduced SuperI/O with Fast Infrared Port, Two Serial Ports and GPIOs
WPCN384U WINBOND-WPCN384U Datasheet
104Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Nuvoton Technology Corp...
WPCN384U NUVOTON-WPCN384U Datasheet
165Kb / 3P
   Legacy-Reduced SuperI/O with Two Serial Ports, Parallel Port and GPIOs for Notebook and Docking Applications
logo
Winbond
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
   LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
logo
National Semiconductor ...
PC87382 NSC-PC87382 Datasheet
846Kb / 72P
   LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PC87391 NSC-PC87391 Datasheet
1Mb / 148P
   100-Pin LPC SuperI/O Devices for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com