Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7410MGSU450L Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC7410MGSU450L
Description  PowerPC 7410 RISC Microprocessor Product Specification
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410MGSU450L Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC7410MGSU450L Datasheet HTML 2Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 3Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 4Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 5Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 6Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 7Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 8Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 9Page - ATMEL Corporation PC7410MGSU450L Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6
PC7410
2141D–HIREL–02/04
32K 32-byte line, 8-way set associative data cache (dL1)
Single-cycle cache access
Pseudo least-recently-used (LRU) replacement
Data cache supports AltiVec LRU and transient instructions algorithm
Copy-back or write-through data cache (on a page-per-page basis)
Supports all PowerPC memory coherency modes
Non-blocking instruction and data cache
Separate copy of data cache tags for efficient snooping
No snooping of instruction cache except for ICBI instruction
Level 2 (L2) Cache Interface
Internal L2 cache controller and tags; external data SRAMs
512K, 1M and 2-Mbyte 2-way set associative L2 cache support
Copyback or write-through data cache (on a page basis or for all L2)
32-byte (512K), 64-byte (1M), or 128-byte (2M) sectored line size
Supports pipelined (register-register) synchronous burst SRAMs and
pipelined (register-register) late-write synchronous burst SRAMs
Supports direct mapped mode for 256K, 512K, 1M or 2 Mbytes of SRAM
(either all, half or none of L2 SRAM must be configured as direct mapped.
Core-to-L2 frequency divisors of ÷1, ÷1.5, ÷2, ÷2.5, ÷3, ÷3.5, and ÷4
supported
64-bit data bus which also support 32-bits bus mode
Selectable interface voltages of 1.8V and 2.5V
Memory Management Unit
128 entry, 2-way set associative instruction TLB
128 entry, 2-way set associative data TLB
Hardware reload for TLBs
Four instruction BATs and four data BATs
Virtual memory support for up to four petabytes (2
52) of virtual memory
Real memory support for up to four gigabytes (2
32) of physical memory
Snooped and invalidated for TLBI instructions
Efficient Data Flow
All data buses between VRF, load/store unit, dL1, iL1, L2 and the bus are
128 bits wide
dL1 is fully pipelined to provide 128 bits per cycle to/from the VRF
L2 is fully pipelined to provide 128 bits per L2 clock cycle to the L1s
Up to eight outstanding out-of-order cache misses between dL1 and L2/bus
Up to seven outstanding out-of-order transactions on the bus
Load folding to fold new dL1 misses into older outstanding load and store
misses to the same line
Store miss merging for multiple store misses to the same line. Only
coherency action taken (i.e., address only) for store misses merged to all 32
bytes of a cache line (no data tenure needed).
Two-entry finished store queue and four-entry completed store queue
between load/store unit and dL1


Similar Part No. - PC7410MGSU450L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
More results

Similar Description - PC7410MGSU450L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com