Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0V4UW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0V4UW
Description  Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V4UW Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0V4UW Datasheet HTML 1Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 2Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 3Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 4Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 5Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 6Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 7Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 8Page - NXP Semiconductors PESD5V0V4UW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9397 750 14481
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2005
5 of 11
Philips Semiconductors
PESDxV4UW series
Very low capacitance quadruple ESD protection diode arrays
Tamb = 25 °CTamb = 25 °C
Fig 3.
Peak pulse power dissipation as a function of
exponential pulse duration tp; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical values
f = 1 MHz; Tamb = 25 °C
(1) PESD3V3V4UW
(2) PESD5V0V4UW
PESD3V3V4UW
PESD5V0V4UW
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Relative variation of reverse leakage current as
a function of junction temperature; typical
values
006aaa261
tp (µs)
1104
103
10
102
10
102
PPP
(W)
1
Tj (°C)
0
200
150
50
100
001aaa633
0.4
0.8
1.2
PPP
0
PPP(25 °C)
VR (V)
05
4
23
1
006aaa262
10
12
8
14
16
Cd
(pF)
6
(1)
(2)
006aaa263
Tj (°C)
−100
150
100
050
−50
1
10
IRM at T
IRM at 25 °C
10−1


Similar Part No. - PESD5V0V4UW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V4UW NXP-PESD5V0V4UW Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Shanghai Leiditech Elec...
PESD5V0V4UW LEIDITECH-PESD5V0V4UW Datasheet
346Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
Rev 2.0 : 12.01.2020
logo
Nexperia B.V. All right...
PESD5V0V4UW NEXPERIA-PESD5V0V4UW Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
More results

Similar Description - PESD5V0V4UW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESDXV4UK PHILIPS-PESDXV4UK Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1-25 August 2010
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com