Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74ALVTC16374 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI74ALVTC16374
Description  16-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVTC16374 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74ALVTC16374 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74ALVTC16374 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS8356A
11/23/98
PI74ALVTC16374
16-Bit D-Type Flip-Flop with 3-STATE Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Test Circuits and Switching Waveforms
Parameter Measurement Information (VDD = 1.8V - 3.6V)
Setup, Hold, and Release Timing
Pulse Width
Switch Position
Propagation Delay
Enable Disable Timing
Data
Input
tH
VDD
tSU
0V
Timing
Input
VDD
0V
VDD/2
VDD/2
Low-High-Low
Pulse
tW
High-Low-High
Pulse
VDD
0V
VDD
0V
VDD/2
VDD/2
Input
Opposite Phase
Input Transition
tPLH
tPHL
tPLH
tPHL
VDD
0V
VDD
VOL
VDD
0V
Output
VDD/2
VDD/2
VDD/2
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions
such that the output is LOW except when disabled by
the output control.
Waveform 2 is for an output with internal conditions
such that the output is HIGH except when disabled by
the output control.
C. All input pulses are supplied by generators having the
following characteristics: PRR
≤ 10 MHz, ZO = 50Ω,
tr ≤ 2ns, tf ≤ 2ns, measured from 10% to 90%, unless
otherwise specified.
D. The outputs are measured one at a time with one
transition per measurement.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Output
Control
(Active LOW)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPLZ
VDD
0V
VDD
VOL
0V
Output
Waveform 1
S1 at 2xVDD
(see Note B)
+0.15V
-0.15V
VOH
VDD
tPHZ
tPZH
VDD/2
VDD/2
VDD/2
t
s
e
T1
S
t d
p
n
e
p
O
tPLZ/tPZL
x
2
VDD
tPHZ/tPZH
D
N
G


Similar Part No. - PI74ALVTC16374

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVTC16240 PERICOM-PI74ALVTC16240 Datasheet
345Kb / 8P
   16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16241 PERICOM-PI74ALVTC16241 Datasheet
335Kb / 8P
   16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16244 PERICOM-PI74ALVTC16244 Datasheet
236Kb / 8P
   1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
PI74ALVTC16245A PERICOM-PI74ALVTC16245A Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
More results

Similar Description - PI74ALVTC16374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com