Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3020EH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG3020EH
Description  30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3020EH Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG3020EH Datasheet HTML 1Page - NXP Semiconductors PMEG3020EH Datasheet HTML 2Page - NXP Semiconductors PMEG3020EH Datasheet HTML 3Page - NXP Semiconductors PMEG3020EH Datasheet HTML 4Page - NXP Semiconductors PMEG3020EH Datasheet HTML 5Page - NXP Semiconductors PMEG3020EH Datasheet HTML 6Page - NXP Semiconductors PMEG3020EH Datasheet HTML 7Page - NXP Semiconductors PMEG3020EH Datasheet HTML 8Page - NXP Semiconductors PMEG3020EH Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
9397 750 15077
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 May 2005
4 of 9
Philips Semiconductors
PMEG3020EH; PMEG3020EJ
30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 1 mA
-
125
160
mV
IF = 10 mA
-
185
220
mV
IF = 100 mA
-
255
290
mV
IF = 500 mA
-
330
380
mV
IF = 1000 mA
-
400
480
mV
IF = 2000 mA
-
510
620
mV
IR
reverse current
VR = 10 V
-
60
150
µA
VR = 30 V
-
400
1000
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
60
72
pF
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
(1) Tamb = 150 °C
(2) Tamb = 125 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
006aaa293
10
1
103
102
104
IF
(mA)
10−1
VF (V)
0
0.6
0.4
0.1
0.3
0.5
0.2
(1)
(2)
(3)
(4)
(5)
006aaa294
106
IR
(
µA)
10−2
10−1
1
10
102
103
104
105
VR (V)
035
20
515
30
25
10
(1)
(3)
(2)
(4)
(5)


Similar Part No. - PMEG3020EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EH PHILIPS-PMEG3020EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
PMEG3020EH-Q NEXPERIA-PMEG3020EH-Q Datasheet
185Kb / 9P
   30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
logo
NXP Semiconductors
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
More results

Similar Description - PMEG3020EH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
logo
NXP Semiconductors
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3020EH PHILIPS-PMEG3020EH_15 Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
logo
Nexperia B.V. All right...
PMEG3015EH NEXPERIA-PMEG3015EH Datasheet
697Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03 - 13 January 2010
logo
NXP Semiconductors
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
PMEG1020EH PHILIPS-PMEG1020EH_15 Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com