Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4662 Datasheet(PDF) 11 Page - Texas Instruments

Part # PT4662
Description  30-A Dual Output Isolated DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4662 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT4662 Datasheet HTML 7Page - Texas Instruments PT4662 Datasheet HTML 8Page - Texas Instruments PT4662 Datasheet HTML 9Page - Texas Instruments PT4662 Datasheet HTML 10Page - Texas Instruments PT4662 Datasheet HTML 11Page - Texas Instruments PT4662 Datasheet HTML 12Page - Texas Instruments PT4662 Datasheet HTML 13Page - Texas Instruments PT4662 Datasheet HTML 14Page - Texas Instruments PT4662 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
PT4660 & PT4680 Series
Operating Features & System Considerations for the
PT4660 & PT4680 Dual-Output Converters
Over-Current Protection
The dual-outputs of the PT4660 and PT4680 series of
DC/DC converters have independent output voltage
regulation and current limit control. Applying a load
current in excess of the current limit threshold at either
output will cause the respective output voltage to drop.
However, the voltage at Vo2 is derived from Vo1. There-
fore a current limit fault on Vo1 will also cause Vo2 to
drop. Conversely, a current limit fault applied to Vo2
will only cause Vo2 voltage to drop, and Vo1 will remain
in regulation.
The current limit is continuous with some current fold-
back. This means that at short circuit, the value of the
output current can be less than the rated output of the
converter. This is to reduce power dissipation when a fault
is present. As with any foldback-limited source, if a con-
stant current load is applied to the converter with a value
greater than the short-circuit current, the output voltage
will not come up. Resistive and non-linear load circuits
are not affected by this characteristic as long as the cur-
rent at startup does not exceed the short-circuit current
of the converter. The majority of low-voltage analog
and digital applications are not affected by this restric-
tion. However, when testing with an electronic load the
constant resistance setting should be used.
Output Over-Voltage Protection
Each output is monitored for over voltage (OV). For fail
safe operation and redundancy, the OV fault detection
circuitry uses a separate reference to the voltage regula-
tion circuits. The OV threshold is fixed, and set nominally
25 % higher than the set-point output voltage. If either
output exceeds the threshold, the converter is shutdown
and must be actively reset. The OV protection circuit
can be reset by momentarily turning the converter off.
This is accomplished by either cycling one of the output
enable control pins (EN1 or EN2), or by removing the
input power to the converter. Note: If Vo1 or Vo2 is adjusted
to a higher voltage, the margin between the respective steady-
state output voltage and its OV threshold is reduced. This can
make the module sensitive to OV fault detection, that may
result from random noise and load transients.
Over-Temperature Protection
The converter has an internal temperature sensor. At a
case temperature of approximately 115 °C the converter
will shut down, and will automatically restart when the
temperature returns to about 100 °C. The analog voltage
generated by the sensor is also made available at the
TEMP output (pin 5), and can be monitored by the
host system for diagnostic purposes. Consult the ‘Pin
Descriptions’ section of the data sheet for further infor-
mation on this feature.
Under-Voltage Lock-Out
The Under-Voltage Lock-Out (UVLO) circuit prevents
operation of the converter whenever the input voltage to
the module is insufficient to maintain output regulation.
The UVLO has approximately 2 V of hysterisis. This is
to prevent oscillation with a slowly changing input volt-
age. Below the UVLO threshold the module is off and
the enable control inputs, EN1 and EN2 are inoperative.
Primary-Secondary Isolation
The PT4460 and PT4680 series of DC/DC converters
incorporate electrical isolation between the input termi-
nals (primary) and the output terminals (secondary). All
converters are production tested to a withstand voltage
of 1500 VDC. The isolation complies with UL60950 and
EN60950, and the requirements for operational isolation.
This allows the converter to be configured for either a
positive or negative input voltage source.
The regulation control circuitry for these modules is
located on the secondary (output) side of the isolation
barrier. Control signals are passed between the primary
and secondary sides of the converter via a proprietory
magnetic coupling scheme. This eliminates the use of
opto-couplers. The data sheet ‘Pin Descriptions’ and
‘Pin-Out Information’ provides guidance as to which
reference (primary or secondary) that must be used for
each of the external control signals.
Fuse Requirements
To comply with safety agency requirements, these con-
verters must be operated with an external input fuse.
A fast-acting 250-V fuse is required. Table 1-1 gives
the recommended current rating for the product series
being used.
Table 1-1; Recommended Fuse Rating
Product
Input
Total
Fuse
Series
Bus
Iout
Rating
PT4660
48 V
30 A
7 A
PT4680
24 V
20 A
10 A


Similar Part No. - PT4662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4662 TI-PT4662 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4662 TI1-PT4662 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4662A TI1-PT4662A Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4662C TI1-PT4662C Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4662N TI1-PT4662N Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com