Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4663 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4663
Description  30-A Dual Output Isolated DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4663 Datasheet(HTML) 2 Page - Texas Instruments

  PT4663 Datasheet HTML 1Page - Texas Instruments PT4663 Datasheet HTML 2Page - Texas Instruments PT4663 Datasheet HTML 3Page - Texas Instruments PT4663 Datasheet HTML 4Page - Texas Instruments PT4663 Datasheet HTML 5Page - Texas Instruments PT4663 Datasheet HTML 6Page - Texas Instruments PT4663 Datasheet HTML 7Page - Texas Instruments PT4663 Datasheet HTML 8Page - Texas Instruments PT4663 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
For technical support and further information, visit http://power.ti.com
PT4660 Series
30-A Dual Output Isolated
DC/DC Converter
Pin Descriptions
+Vin:
The positive input supply for the module with respect
to –Vin. When powering the module from a –48 V telecom
central office supply, this input is connected to the primary
system ground.
–Vin:
The negative input supply for the module, and the
0 VDC reference for the EN 1, EN 2, TEMP, and AUX
signals. When the module is powered from a +48-V supply,
this input is connected to the 48-V Return.
EN 1:
This an open-collector (open-drain) negative logic
input that enables the module output. This pin is TTL
compatible and referenced to -Vin. A logic ‘0’ at this pin
enables the module’s outputs, and a logic ‘1’ or high
impedance disables the module’s outputs. If not used,
the pin must be connected to –Vin.
EN 2:
An open-collector (open-drain) positive logic input
that enables the module output. This pin is TTL compat-
ible and referenced to –Vin. A logic ‘1’ or high impedance
enables the module’s outputs. If not used, the pin should
be left open circuit.
AUX:
Produces a regulated output voltage of 11.6 V ±5 %,
which is referenced to –Vin. The current drawn from the
pin must be limited to 10mA. The voltage may be used
to indicate the output status of the module to a primary
referenced circuit, or power a low-current amplifer.
TEMP:
This is the output voltage produced by the module’s
internal temperature sensor. The voltage at this pin is
referenced to –Vin and rises approximately 10 mV/°C
from an intital value of 0.1 VDC at –40 °C.
Vtemp =0.5 + 0.01·Tsense
The signal is available whenever the module is supplied
with a valid input voltage, and is independant of the enable
logic status. (Note: A load impedance of less than 1 M
Ω will
adversly affect the module’s over-temperature shutdown threshold.
Use a high-impedance input when monitoring this signal.)
Vo1:
The higher regulated output voltage, which is refer-
enced to the COM node.
Vo2:
The lower regulated output voltage, which is refer-
enced to the COM node.
COM:
The secondary return reference for the module’s two
regulated output voltages. It is dc isolated from the input
supply pins.
Vo1 Adjust:
Using a single resistor, this pin allows Vo1 to
be adjusted higher or lower than the preset value. If not
used, this pin should be left open circuit.
Vo2 Adjust:
Using a single resistor, this pin allows Vo2 to
be adjusted higher or lower than the preset value. If not
used, this pin should be left open circuit.
On/Off Logic
Pin 3
Pin 4
Output Status
1
×
Off
01
On
×
0
Off
Pin-Out Information
Pin
Function
1+Vin
2-Vin
3
EN 1
4
EN 2
5
TEMP
6
AUX
7
Do Not Connect
8
Do Not Connect
9+Vo1
Pin
Function
10
+Vo1
11
+Vo1
12
+Vo1
13
Vo1 Adjust
14
COM
15
COM
16
COM
17
COM
18
COM
Notes:
Logic 1 =Open collector
Logic 0 = –Vin (pin 2) potential
For positive Enable function, connect pin 3
to pin 2 and use pin 4.
For negative Enable function, leave pin 4
open and use pin 3.
Note: Shaded functions indicate signals that are
referenced to the input (-Vin) potential.
Pin
Function
19
COM
20
Vo2 Adjust
21
+Vo
2
22
+Vo
2
23
+Vo
2
24
+Vo
2
25
Do Not Connect
26
Do Not Connect
SLTS140C – MAY 2001 – REVISED OCTOBER 2003


Similar Part No. - PT4663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4663 TI-PT4663 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4663 TI1-PT4663 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4663A TI1-PT4663A Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4663C TI1-PT4663C Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4663N TI1-PT4663N Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com