Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4665 Datasheet(PDF) 8 Page - Texas Instruments

Part # PT4665
Description  30-A Dual Output Isolated DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4665 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT4665 Datasheet HTML 4Page - Texas Instruments PT4665 Datasheet HTML 5Page - Texas Instruments PT4665 Datasheet HTML 6Page - Texas Instruments PT4665 Datasheet HTML 7Page - Texas Instruments PT4665 Datasheet HTML 8Page - Texas Instruments PT4665 Datasheet HTML 9Page - Texas Instruments PT4665 Datasheet HTML 10Page - Texas Instruments PT4665 Datasheet HTML 11Page - Texas Instruments PT4665 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
For technical support and further information, visit http://power.ti.com
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25 °C. This data is considered typical data for the converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
PT4666 (V1/V2 =2.5 V/1.8 V); Vin =48 V (See Notes A & B)
PT4666—48 V
30-A Dual Output Isolated
DC/DC Converter
Typical Characteristics
Efficiency vs I1out; I2out @1 A, 3 A, and 6 A
Power Dissipation vs I1out and I2out
Cross Regulation: V1out vs I2out @I1out =1 A
Cross Regulation: V2out vs I1out @I2out =1 A
Efficiency vs I1out; I2out @9 A, 12 A, and 15 A
Safe Operating Area: (Io1 + Io2)
2.48
2.49
2.5
2.51
2.52
0369
12
15
I2 out (A)
1.79
1.795
1.8
1.805
1.81
0369
12
15
I1 out (A)
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Io1 + Io2 (A)
300LFM
200LFM
100LFM
Nat Conv
Airflow
50
60
70
80
90
100
0369
12
15
I1 out (A)
6
3
1
I2 out
50
60
70
80
90
100
0
3
6
9
12
15
I1 out (A)
9
12
15
I2 out
0
2
4
6
8
10
0369
12
15
Io1 + Io2 (A)
SLTS140C – MAY 2001 – REVISED OCTOBER 2003


Similar Part No. - PT4665

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4665 TI-PT4665 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4665 TI1-PT4665 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4665A TI1-PT4665A Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4665C TI1-PT4665C Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4665N TI1-PT4665N Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4665

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com