Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7058 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7058
Description  Integrated Circuit Single Chip TV NTSC System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7058 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7058 Datasheet HTML 1Page - NTE Electronics NTE7058 Datasheet HTML 2Page - NTE Electronics NTE7058 Datasheet HTML 3Page - NTE Electronics NTE7058 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE7058
Integrated Circuit
Single Chip TV NTSC System
Description:
The NTE7058 combines all the functions required for an NTSC color TV system in a 64–Lead DIP
type plastic package. This device is designed to offer a wide capability of applications from fundamen-
tal CTV to high–end MPX CTV with a quasi–parallel SIF system, requiring minimal external parts and
adjustments. A quasi–parallel SIF system assures buzz–free sound reproduction.
Features:
PIF Section
D 3–Stage Variable Gain PIF Amplifier
D High–Speed Peak AGC with Dual Time Constants
D Single–End AFT Output with Defeat Function
D Delayed RF AGC Output (Reverse AGC)
D Sync Positive–Detected Video Output Polarity
D Internal Black/White Noise Inverter
Quasi–Parallel Intercarrier Detector
D 3–Stage Variable Gain Intercarrier IF Amplifier
D Independent Peak AGC
D Intercarrier Detector with 90° Carrier Shift
SIF Section
D 3–Stage Limiter Amplifier
D Differential Peak Detector
D Separated Detector Output and Electronic Attenuator Input for Multiplex TV Sound Reception
D Excellent Electronic Attenuator
D Preamplifier with NF Terminal
Video Section
D 2nd Order Picture Sharpness (DC Control)
D Contrast Control with Unicolor Function
D Brightness Control with Pedestal Clamping Circuit (Adjustable DC Restoration Ratio)
D Internal Vertical Blanking


Similar Part No. - NTE7058

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
NTE7054 NTE-NTE7054 Datasheet
38Kb / 5P
   Integrated Circuit Single Chip TV Processor
More results

Similar Description - NTE7058

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1846 NTE-NTE1846 Datasheet
22Kb / 2P
   Integrated Circuit NTSC System Single-Chip Color TV Signal Processor
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV Signal Processor
logo
Mitsubishi Electric Sem...
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
   NTSC System Single-Chip color TV Signal processor
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
NTE Electronics
NTE7010 NTE-NTE7010 Datasheet
24Kb / 3P
   Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com