Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM75TPM-2H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RM75TPM-2H
Description  MITSUBISHI DIODE MODULES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM75TPM-2H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RM75TPM-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM75TPM-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM75TPM-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mar.2002
MITSUBISHI DIODE MODULES
RM75TPM-H,-2H
MEDIUM POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
AC motor controllers , DC motor controllers, Battery DC power supplies,
DC power supplies for control panels, and other general DC power equipment
RM75TPM-H,-2H
q
IO
DC output current ..................... 150A
q
VRRM
Repetitive peak reverse voltage
............................ 800/1600V
q
3 phase bridge
q
Insulated Type
q
UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
CIRCUIT DIAGRAM
+
-
~~~
+
-
~~~
LABEL
10
3
30
68 ±0.25
2–φ5.5
5–M5 NUTS
80
20
20
MOUNTING
HOLES


Similar Part No. - RM75TPM-2H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RM75TPM-2H POWEREX-RM75TPM-2H Datasheet
46Kb / 2P
   Three-Phase Diode Bridge Module (150 Amperes / 800-1600 Volts)
logo
Mitsubishi Electric Sem...
RM75TPM-2H MITSUBISHI-RM75TPM-2H Datasheet
106Kb / 3P
   DIODE MODULES MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM75TPM-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100DU-24NFH MITSUBISHI-CM100DU-24NFH Datasheet
67Kb / 4P
   MITSUBISHI IGBT MODULES
CM200DY-24NF MITSUBISHI-CM200DY-24NF Datasheet
93Kb / 4P
   MITSUBISHI IGBT MODULES
CM20AD05-12H MITSUBISHI-CM20AD05-12H Datasheet
79Kb / 4P
   MITSUBISHI IGBT MODULES
PM200RSA060 MITSUBISHI-PM200RSA060_02 Datasheet
119Kb / 7P
   MITSUBISHI INTELLIGENT POWER MODULES
PM75RSE060 MITSUBISHI-PM75RSE060 Datasheet
136Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES
PM75RLB060 MITSUBISHI-PM75RLB060 Datasheet
98Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES
FD5000AV-100DA MITSUBISHI-FD5000AV-100DA Datasheet
27Kb / 2P
   MITSUBISHI RECTIFIER DIODE
CM100TU-24F MITSUBISHI-CM100TU-24F_09 Datasheet
119Kb / 4P
   MITSUBISHI IGBT MODULES HIGH POWER SWITCHING USE
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com