Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4663A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4663A
Description  30-A Dual Output Isolated DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4663A Datasheet(HTML) 1 Page - Texas Instruments

  PT4663A Datasheet HTML 1Page - Texas Instruments PT4663A Datasheet HTML 2Page - Texas Instruments PT4663A Datasheet HTML 3Page - Texas Instruments PT4663A Datasheet HTML 4Page - Texas Instruments PT4663A Datasheet HTML 5Page - Texas Instruments PT4663A Datasheet HTML 6Page - Texas Instruments PT4663A Datasheet HTML 7Page - Texas Instruments PT4663A Datasheet HTML 8Page - Texas Instruments PT4663A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
For technical support and further information, visit http://power.ti.com
PT4660 Series
Description
The PT4660 Excalibur™ Series
is a 30-A rated, dual-output isolated
DC/DC converter that combines
state-of-the-art power conversion
technology with unparalleled flex-
ibility. These modules operate from
a standard telecom (–48 V) central
office (CO) supply to produce two
independantly regulated outputs.
The PT4660 series is characterized
with high efficiencies and ultra-fast
transient response, and incorporates
many features to facilitate system
integration. These include a flexible
“On/Off” enable control, output
current limit, over-temperature
30-A Dual Output Isolated
DC/DC Converter
Features
Dual 15-A Outputs
(Independantly Regulated)
Power-up/Down Sequencing
Input Voltage Range:
36 V to 75 V
1500 VDC Isolation
Temp Range: –40 to 100 °C
High Efficiency: 88 %
Fixed Frequency Operation
Over-Current Protection
(Both Outputs)
Ordering Information
Pt. No.
Vo1/Vo2
PT4661
o
= 5.0/3.3 Volts
PT4662
o
= 3.3/2.5 Volts
PT4663
o
= 3.3/1.8 Volts
PT4665
o
= 3.3/1.5 Volts
PT4666
o
= 2.5/1.8 Volts
PT4667
o
= 5.0/1.8 Volts
PT4668
o
= 3.3/1.2 Volts
Typical Application
PT4660
+Vin
EN 1*
EN 2
–Vin
Vo
1 ad j
Vo
2 ad j
Vo
1
Vo
2
COM
9–12
21–24
14–19
L
O
A
D
L
O
A
D
Vo
1
Vo
2
V
1 Adjust
V
2 Adjust
+V
IN
–V
IN
20
13
1
4
3
2
COM
* Inverted logic
Dual Logic On/Off Control
Over-Temperature Shutdown
Over-Voltage Protection
(Coordinated Shutdown)
Under-Voltage Lockout
Input Differential EMI Filter
IPC Lead Free 2
Safety Approvals:
UL1950
CSA 22.2 950
protection, and an input under-voltage
lockout (UVLO). In addition, both
output voltages are designed to meet
the power-up/power-down sequenc-
ing requirements of popular DSPs.
The PT4660 series is housed in
space-saving solderable copper case.
The package does not require a
heatsink and is available in both
vertical and horizontal configura-
tions, including surface mount. The
‘N’ configuration occupies less than 2
in² of PCB area.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
SLTS140C – MAY 2001 – REVISED OCTOBER 2003


Similar Part No. - PT4663A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4663A TI1-PT4663A Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4663A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com