Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7060 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7060
Description  Integrated Circuit NTSC Single Chip Color TV Signal Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7060 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7060 Datasheet HTML 1Page - NTE Electronics NTE7060 Datasheet HTML 2Page - NTE Electronics NTE7060 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7060
Integrated Circuit
NTSC Single Chip Color TV Signal Processor
Description:
The NTE7060 is an integrated circuit in a 52–Lead DIP type package that combines all of the signal
(VIF, SIF, Video, Color and Synchronous Signal) processing circuits in NTSC color TV onto one chip.
Features:
D VIF Circuit using PLL Complete Synchronous Detection
D Audio External Input Pin and Volume Adjusting Circuit Built–In
D Y Delay Line Built–In and Y Delay Line Switchable
D Block Level Compensation Circuit Built–In
D 3.58MHz BPF Built–In
D APC Killer Filter Built–In (No Adjustment of ACP)
D On–Screen Pin Attached (Only for Green and Other Output Blanking)
D Compatible with S–VHS System (3.58MHz ON/OFF Switching)
D No Adjustment of Horizontal/Vertical Oscillation Frequency
D Horizontal Synchronous Lock Detecting Pin Attached
D Service Switch Circuit Built–In (Vertical Out Stop, Y Out Blanking)
D Y Output is Black Level when No Synchronous Signal is Input
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC1
12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current (I43), ICC
82mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current (I9), ICC
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current (I32–19), ICC
61mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +70°C), PD
1.3mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Range: (TA = +25°C unless otherwise specified)
Operating Supply Voltage Range, VCC1
8.1V to 9.9V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Supply Voltage Range, VCC3,4
4.5V to 5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE7060

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
   Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
   Integrated Circuit Bridge Driver for DC Motor Control
NTE7067 NTE-NTE7067 Datasheet
19Kb / 2P
   Integrated Circuit Audio IF Detector for High Quality Multi-Channel TV & VCR
More results

Similar Description - NTE7060

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1846 NTE-NTE1846 Datasheet
22Kb / 2P
   Integrated Circuit NTSC System Single-Chip Color TV Signal Processor
logo
Mitsubishi Electric Sem...
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
   NTSC System Single-Chip color TV Signal processor
logo
NTE Electronics
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV
logo
Mitsubishi Electric Sem...
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
NTE Electronics
NTE7148 NTE-NTE7148 Datasheet
51Kb / 7P
   Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
NTE7010 NTE-NTE7010 Datasheet
24Kb / 3P
   Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com