Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSB-48-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RSB-48-S
Description  2 Pole relay suitable for signal circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSB-48-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RSB-48-S Datasheet HTML 1Page - List of Unclassifed Manufacturers RSB-48-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSB
L - 12 - S
Basic Model
Blank=Mono-stable ; L=2 coil latching
Coil Voltage: (DC) 5,6,9,12,24,48
Coil Sensitivity: Blank = 400mW
S = 200mW
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
PH (732) 922-6333 FX (732) 922-6363 E-mail: globalcomponents@msn.com
n How to order
Model Number
Nominal Voltage Coil Resistance
Operate Voltage
Release Voltage
Max. Allowable
(VDC)
+ / - 10%
(VDC Max.)
(VDC Max.)
Voltage
n Coil Rating ( Mono-stable, high sensitivity ) @ 20 C
0
RSB-5-S
5
125
3.5
0.5
9.8
RSB-6-S
6
180
4.2
0.6
11.7
RSB-9-S
9
406
6.3
0.9
17.7
RSB-12-S
12
720
8.4
1.2
23.5
RSB-24-S
24
2880
16.8
2.4
47.1
RSB-48-S
48
11520
33.6
4.8
94.3
n
Coil Rating ( 2 coil latching, standard ) @ 20 C
RSBL-5
5
69.4
3.5
7.8
RSBL-6
6
100
4.2
9.3
RSBL-9
9
225
6.3
14.0
RSBL-12
12
400
8.4
18.7
RSBL-24
24
1600
16.8
37.4
RSBL-48
48
6400
33.6
74.8
Model Number
Nominal Voltage
Coil Resistance +/- 10%
Set & Reset Voltage
Max. Allowable
(VDC)
(VDC Max.)
Voltage
n
Coil Rating ( 2 coil latching, high sensitivity ) @ 20 C
0
Model Number
Nominal Voltage
Coil Resistance +/- 10%
Set & Reset Voltage
Max. Allowable
(VDC)
(VDC Max.)
Voltage
RSBL-5S
5
139
3.5
9.8
RSBL-6S
6
200
4.2
11.8
RSBL-9S
9
450
6.3
17.7
RSBL-12S
12
800
8.4
23.6
RSBL-24S
24
3200
16.8
47.2
RSBL-48S
48
12800
33.6
94.4
n
Dimensions { units: mm (inch)}


Similar Part No. - RSB-48-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB-48-S ETC-RSB-48-S Datasheet
86Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS
logo
SHINMEI ELECTRIC CO., L...
RSB-48-S SHINMEI-RSB-48-S Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
More results

Similar Description - RSB-48-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5V-2 OMRON-G5V-2_1 Datasheet
86Kb / 4P
   Miniature Relay for Signal Circuits
G5V2 OMRON-G5V2 Datasheet
421Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC24 OMRON-G5V-2-DC24 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
G5V2H1DC5 OMRON-G5V2H1DC5 Datasheet
369Kb / 6P
   Miniature Relay for Signal Circuits
G5V-2-DC5 OMRON-G5V-2-DC5 Datasheet
379Kb / 6P
   Miniature Relay for Signal Circuits
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com