Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3842GAD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SG3842GAD
Description  BiCMOS Green-Mode PWM Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG3842GAD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SG3842GAD Datasheet HTML 3Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 4Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 5Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 6Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 7Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 8Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 9Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 10Page - List of Unclassifed Manufacturers SG3842GAD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Product Specification
BiCMOS Green-Mode PWM Controllers
SG3842G/ SG3843G
© System General Corp.
- 7 -
www.sg.com.tw
Version 1.4 ( IRO33.0007.B3)
Jun.28,2004
Oscillator Discharge Current (IDISCH) vs
Temperature
6.5
7.0
7.5
8.0
8.5
9.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Start Threshold Voltage (VTH) vs Temperature
14.00
14.50
15.00
15.50
16.00
16.50
17.00
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Minimum Operating Voltage (Vcc,min) vs
Temperature
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Output Voltage Low @ 20mA (Vol) vs Temperature
0.000
0.050
0.100
0.150
0.200
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Output Voltage High @ Vcc=15V (Voh) vs
Temperature
14.80
14.82
14.84
14.86
14.88
14.90
14.92
14.94
14.96
14.98
15.00
-40
-25
-10
5
20
35
50
65
80
95
110
125
TEMPERATURE (℃)
Start-up Current vs Vcc Supply Voltage
0.0
1.0
2.0
3.0
4.0
0
2
4
6
8
10
12
14
16
Vcc VOLTAGE (V)
Vcc=15.0V
Vcc=15.0V
Temperature=25℃


Similar Part No. - SG3842GAD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3842D MICROSEMI-SG3842D Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842D MICROSEMI-SG3842D Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842DM MICROSEMI-SG3842DM Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842DM MICROSEMI-SG3842DM Datasheet
313Kb / 14P
   CURRENT MODE PWM CONTROLLER
SG3842J MICROSEMI-SG3842J Datasheet
224Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG3842GAD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
   BICMOS PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com