Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7366DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7366DP
Description  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7366DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7366DP Datasheet HTML 1Page - Vishay Siliconix SI7366DP Datasheet HTML 2Page - Vishay Siliconix SI7366DP Datasheet HTML 3Page - Vishay Siliconix SI7366DP Datasheet HTML 4Page - Vishay Siliconix SI7366DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7366DP
Vishay Siliconix
New Product
Document Number: 72296
S-31414—Rev. A, 07-Jul-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.000
0.006
0.012
0.018
0.024
0.030
02468
10
0.000
0.003
0.006
0.009
0.012
0.015
0
1020304050
0
1
2
3
4
5
6
0
3
6
9
12
15
18
21
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
600
1200
1800
2400
3000
0
4
8
12
16
20
Crss
Coss
Ciss
VDS = 10 V
ID = 20 A
VGS = 10 V
ID = 20 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
1.0
1.2
1
10
60
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD − Source-to-Drain Voltage (V)
ID = 20 A
On-Resistance vs. Gate-to-Source Voltage
VGS − Gate-to-Source Voltage (V)
VGS = 10 V


Similar Part No. - SI7366DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7366DP VISHAY-SI7366DP Datasheet
95Kb / 6P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 03-Mar-08
logo
VBsemi Electronics Co.,...
SI7366DP-T1-GE3 VBSEMI-SI7366DP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7366DP VISHAY-SI7366DP_05 Datasheet
95Kb / 6P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 03-Mar-08
More results

Similar Description - SI7366DP

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com