Electronic Components Datasheet Search |
|
SJ-C1440 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SJ-C1440 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com LVCMOS (1.8V) SJ-C1440 Series PRELIMINARY Description The SJ-C1440 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems. Supplying Pin 1 of the SJ-C1440 units with a logic “1" or open enables its pin 3 output. In the disabled mode, pin 3 presents a high impedance to the load. Features • Wide frequency range– 30.0MHz to 100.0MHz • User specified tolerance available • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum • Space-saving alternative to discrete component oscillators • High shock resistance, to 3000g • Metal lid electrically connected to ground to reduce EMI • High Q Crystal actively tuned oscillator circuit • High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions • Low Jitter - Wavecrest jitter characterization available • 1.8Volt operation • Power supply decoupling internal • No internal PLL avoids cascading PLL problems • Low power consumption • Gold plated leads Electrical Connection Pin Connection 1 Enable Input 2 Grd & Case 3 Output 4 V DD CRYSTAL CLOCK OSCILLATORS Data Sheet 0210A Rev. C |
Similar Part No. - SJ-C1440 |
|
Similar Description - SJ-C1440 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |