Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN182245TSSCQB Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245TSSCQB
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245TSSCQB Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button SCAN182245TSSCQB Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 9Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245TSSCQB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Description of BOUNDARY-SCAN Circuitry (Continued)
BOUNDARY-SCAN Register Definition Index
(Continued)
Bit No
Pin Name
Pin No
Pin Type
Scan Cell Type
26
B20
15
Input
TYPE1
B2–in
25
B21
16
Input
TYPE1
24
B22
18
Input
TYPE1
23
B23
19
Input
TYPE1
22
B24
21
Input
TYPE1
21
B25
22
Input
TYPE1
20
B26
24
Input
TYPE1
19
B27
25
Input
TYPE1
18
B28
27
Input
TYPE1
17
A10
55
Output
TYPE2
A1 – out
16
A11
53
Output
TYPE2
15
A12
52
Output
TYPE2
14
A13
50
Output
TYPE2
13
A14
49
Output
TYPE2
12
A15
47
Output
TYPE2
11
A16
46
Output
TYPE2
10
A17
44
Output
TYPE2
9A18
43
Output
TYPE2
8A20
42
Output
TYPE2
A2 – out
7A21
41
Output
TYPE2
6A22
39
Output
TYPE2
5A23
38
Output
TYPE2
4A24
36
Output
TYPE2
3A25
35
Output
TYPE2
2A26
33
Output
TYPE2
1A27
32
Output
TYPE2
0A28
30
Output
TYPE2
http
www nationalcom
10


Similar Part No. - SCAN182245TSSCQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182245AMTD FAIRCHILD-SCAN182245AMTD Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182245ASSC FAIRCHILD-SCAN182245ASSC Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
More results

Similar Description - SCAN182245TSSCQB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
   Non-Inverting Line Driver with 25ohm Series Resistor Outputs
SCAN182373A FAIRCHILD-SCAN182373A Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com