Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT774 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SPT774
Description  FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT774 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SPT774 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT774 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SPT
5
8/1/00
SPT774
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 117 kHz, fIN = 10 kHz, unless otherwise specified.
TEST
TEST
SPT774C
SPT774B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS4
Stand-Alone Mode Timing
tHRL Low R/C Pulse Width
VI
25
25
ns
tDS STS Delay from R/C
VI
200
200
ns
tHDR Data Valid After R/C Low
VI
25
25
ns
tHS STS Delay After Data Valid
VI
75
150
375
75
150
375
ns
tHRH High R/C Pulse Width
VI
100
100
ns
tDDR Data Access Time
VI
150
150
ns
Sample-and-Hold
Aperture Delay
VEE = +5 V
IV
20
20
ns
Aperture Uncertainty Time
VEE = +5 V
V
300
300
ps, RMS
Figure 4 -
High Pulse for R/C - Outputs Enabled While
R/C is High, Otherwise High Impedance
Figure 3 - Low Pulse for R/C - Outputs Enabled
After Conversion
R/C
t
HRL
DATA VALID
DATA VALID
DB11-DB0
STS
t
DS
t
C
t
HDR
t HS
DB11-DB0
t
HRH
STS
t
C
t
DDR
t
DS
t
HDR
DATA VALID
HIGH-Z
R/C
HIGH-Z
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = 25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI


Similar Part No. - SPT774

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results

Similar Description - SPT774

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT674 ETC1-SPT674 Datasheet
87Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com