Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT774BCS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SPT774BCS
Description  FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT774BCS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SPT774BCS Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT774BCS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPT
4
8/1/00
SPT774
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 117 kHz, fIN = 10 kHz, unless otherwise specified.
TEST
TEST
SPT774C
SPT774B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS4
Convert Mode Timing
tDSC STS Delay from CE
VI
60
200
60
200
ns
tHEC CE Pulse Width
VI
50
30
50
30
ns
tSSC CS to CE Setup
VI
50
20
50
20
ns
tHSC CS Low during CE High
VI
50
20
50
20
ns
tSRC R/C to CE Setup
VI
50
0
50
0
ns
tHRC R/C Low During CE High
VI
50
20
50
20
ns
tSAC Ao to CE Setup
VI
0
0
ns
tHAC Ao Valid During CE High
VI
50
20
50
20
ns
tC Conversion Time5
12-Bit Cycle
VI
7.5
8
7.5
8
µs
8-Bit Cycle
VI
5.5
5.9
5.5
5.9
µs
Read Mode Timing
tDD Access Time from CE
VI
75
150
75
150
ns
tHD Data Valid After CE Low
VI
25
35
25
35
ns
tHL Output Float Delay
VI
100
150
100
150
ns
tSSR CS to CE Setup
VI
50
0
50
0
ns
tSRR R/C to CE Setup
VI
0
0
ns
tSAR Ao to CE Setup
VI
50
25
50
25
ns
tHSR CS Valid After CE Low
VI
0
0
ns
tHRR R/C High After CE Low
VI
0
0
ns
tHS STS Delay After Data Valid
VI
75
150
375
75
150
375
ns
tHAR Ao Valid after CE Low
VI
50
50
ns
Note 4: Time is measured from 50% level of digital transitions.
Note 5: Includes acquisition time.
tHEC
t
SSC
t SRC
t HSC
t HRC
t
HAC
t SAC
t DSC
High Impedance
tC
DB11-DB0
STS
Ao
R/C
CE
CS
Figure 1 - Convert Mode Timing Diagram
Figure 2 - Read Mode Timing Diagram
t SSR
Ao
CE
CS
t HSR
t HRR
t SRR
t SAR
t HAR
STS
DATA
VALID
t HL
HIGH
IMPEDANCE
DB11-DB0
R/C
t HS
t HD
t DD


Similar Part No. - SPT774BCS

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results

Similar Description - SPT774BCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT674 ETC1-SPT674 Datasheet
87Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com