Electronic Components Datasheet Search |
|
SCAN182245EFCQB Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
SCAN182245EFCQB Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 18 page TLF11657 February 1996 SCAN182245A Non-Inverting Transceiver with 25X Series Resistor Outputs General Description The SCAN182245A is a high performance BiCMOS bidirec- tional line driver featuring separate data inputs organized into dual 9-bit bytes with byte-oriented output enable and direction control signals This device is compliant with IEEE 11491 Standard Test Access Port and Boundary Scan Architecture with the incorporation of the defined boundary-scan test logic and test access port consisting of Test Data Input (TDI) Test Data Out (TDO) Test Mode Se- lect (TMS) and Test Clock (TCK) Features Y High performance BiCMOS technology Y 25X series resistors in outputs eliminate the need for external terminating resistors Y Dual output enable control signals Y TRI-STATE outputs for bus-oriented applications Y 25 mil pitch SSOP (Shrink Small Outline Package) Y IEEE 11491 (JTAG) Compliant Y Includes CLAMP IDCODE and HIGHZ instructions Y Additional instructions SAMPLE-IN SAMPLE-OUT and EXTEST-OUT Y Power Up TRI-STATE for hot insert Y Member of National’s SCAN Products Connection Diagram TLF11657 – 1 Pin Names Description A1(0–8) Side A1 Inputs or TRI-STATE Outputs B1(0–8) Side B1 Inputs or TRI-STATE Outputs A2(0–8) Side A2 Inputs or TRI-STATE Outputs B2(0–8) Side B2 Inputs or TRI-STATE Outputs G1 G2 Output Enable Pins (Active Low) DIR1 DIR2 Direction of Data Flow Pins Order Number Description SCAN182245ASSC SSOP in Tubes SCAN182245ASSCX SSOP Tape and Reel SCAN182245AFMQB Flatpak Military TRI-STATE is a registered trademark of National Semiconductor Corporation C1996 National Semiconductor Corporation RRD-B30M36Printed in U S A http www nationalcom |
Similar Part No. - SCAN182245EFCQB |
|
Similar Description - SCAN182245EFCQB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |