Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6J07FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6J07FU
Description  TOSHIBA Transistor Silicon P Channel MOS Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6J07FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6J07FU Datasheet HTML 1Page - Toshiba Semiconductor SSM6J07FU Datasheet HTML 2Page - Toshiba Semiconductor SSM6J07FU Datasheet HTML 3Page - Toshiba Semiconductor SSM6J07FU Datasheet HTML 4Page - Toshiba Semiconductor SSM6J07FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM6J07FU
2002-01-24
1
TOSHIBA Transistor Silicon P Channel MOS Type
SSM6J07FU
Power Management Switch
High Speed Switching Applications
· Small package
· Low on resistance
: Ron = 450 mΩ (max) (VGS = −10 V)
: Ron = 800 mΩ (max) (VGS = −4 V)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
-30
V
Gate-source voltage
VGSS
±20
V
DC
ID
-0.8
Drain current
Pulse
IDP
-1.6
A
Drain power dissipation
PD (Note1)
300
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Note 1: Mounted on FR4 board
(25.4 mm
´ 25.4 mm ´ 1.6 t, Cu Pad: 0.32 mm
2 ´ 6)
Marking
Equivalent Circuit
Figure 1:
25.4 mm
´´´´ 25.4 mm ´´´´ 1.6 t,
(top view)
Cu Pad: 0.32 mm
2 ´´´´ 6
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2J1D
Weight: 6.8 mg (typ.)
6
K D F
4
1
2
3
5
4
1
2
3
6
5
0.4 mm


Similar Part No. - SSM6J07FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU Datasheet
180Kb / 5P
   Power Management Switch
SSM6J07FU TOSHIBA-SSM6J07FU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM6J07FU VBSEMI-SSM6J07FU Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU_07 Datasheet
180Kb / 5P
   Power Management Switch
More results

Similar Description - SSM6J07FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J207FE TOSHIBA-SSM6J207FE_14 Datasheet
211Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6J402TU TOSHIBA-SSM6J402TU Datasheet
223Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2SJ200-Y TOSHIBA-2SJ200-Y Datasheet
297Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com