Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST180S20P1 Datasheet(PDF) 6 Page - International Rectifier

Part # ST180S20P1
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S20P1 Datasheet(HTML) 6 Page - International Rectifier

  ST180S20P1 Datasheet HTML 1Page - International Rectifier ST180S20P1 Datasheet HTML 2Page - International Rectifier ST180S20P1 Datasheet HTML 3Page - International Rectifier ST180S20P1 Datasheet HTML 4Page - International Rectifier ST180S20P1 Datasheet HTML 5Page - International Rectifier ST180S20P1 Datasheet HTML 6Page - International Rectifier ST180S20P1 Datasheet HTML 7Page - International Rectifier ST180S20P1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ST180S Series
6
Bulletin I25165 rev. C 03/03
www.irf.com
Fig. 4 - On-state Power Loss Characteristics
Fig. 3 - On-state Power Loss Characteristics
80
90
100
110
120
130
0
40
80
120
160
200
240
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
ST180SSeries
R
(DC) = 0.105 K/ W
thJC
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST180SSeries
R
(DC) = 0.105 K/ W
thJC
Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.1
6
K/
W
0.2
K/W
0.3
K/ W
0.4
K/W
0.5
K/W
0.8 K
/ W
1.2 K/W
0
50
100
150
200
250
300
350
0
40
80
120
160
200
240
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Angle
Average On-state Current (A)
ST180SSeries
T = 125°C
J
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
8
K/
W
- D
elt
a
R
th
SA
0.1
K/
W
0.1
6
K/W
0.2
K/ W
0.3
K/W
0.4
K/ W
0.5 K/W
0.8 K/W
1.2 K/ W
0
50
100
150
200
250
300
350
400
450
500
0
40
80
120 160 200 240 280 320
DC
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Period
Average On-state Current (A)
ST180SSeries
T = 125°C
J


Similar Part No. - ST180S20P1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180S20P1 IRF-ST180S20P1 Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S20P1L IRF-ST180S20P1L Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
ST180S20P1PBF VISHAY-ST180S20P1PBF Datasheet
143Kb / 7P
   Phase Control Thyristors (Stud Version), 200 A
Revision: 11-Aug-08
logo
International Rectifier
ST180S20P1V IRF-ST180S20P1V Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S20P1VL IRF-ST180S20P1VL Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
More results

Similar Description - ST180S20P1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com