Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3699AQTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3699AQTR
Description  LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699AQTR Datasheet(HTML) 5 Page - STMicroelectronics

  STG3699AQTR Datasheet HTML 1Page - STMicroelectronics STG3699AQTR Datasheet HTML 2Page - STMicroelectronics STG3699AQTR Datasheet HTML 3Page - STMicroelectronics STG3699AQTR Datasheet HTML 4Page - STMicroelectronics STG3699AQTR Datasheet HTML 5Page - STMicroelectronics STG3699AQTR Datasheet HTML 6Page - STMicroelectronics STG3699AQTR Datasheet HTML 7Page - STMicroelectronics STG3699AQTR Datasheet HTML 8Page - STMicroelectronics STG3699AQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STG3699A
5/11
Figure 3: On Resistance
Figure 4: Off Leakage
Figure 5: Off Isolation
Figure 6: Bandwidth
Figure 7: Channel To Channel Crosstalk


Similar Part No. - STG3699AQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699AQTR STMICROELECTRONICS-STG3699AQTR Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
More results

Similar Description - STG3699AQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
   Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
   LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
   Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com