Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2100C30R1 Datasheet(PDF) 1 Page - International Rectifier

Part # ST2100C30R1
Description  PHASE CONTROL THYRISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST2100C30R1 Datasheet(HTML) 1 Page - International Rectifier

  ST2100C30R1 Datasheet HTML 1Page - International Rectifier ST2100C30R1 Datasheet HTML 2Page - International Rectifier ST2100C30R1 Datasheet HTML 3Page - International Rectifier ST2100C30R1 Datasheet HTML 4Page - International Rectifier ST2100C30R1 Datasheet HTML 5Page - International Rectifier ST2100C30R1 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2090A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST2100C..R SERIES
1
Bulletin I25198 rev. B 02/00
www.irf.com
Features
Double side cooling
High surge capability
High mean current
Fatigue free
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
1770
A
@ T
C
80
°C
I
T(AV)
2090
A
@ T
hs
55
°C
I
T(RMS)
3850
A
@ T
hs
25
°C
I
TSM
@ 50Hz
36250
A
@ 60Hz
38000
A
I2t@ 50Hz
6570
KA2s
@ 60Hz
5990
KA2s
V
DRM
/V
RRM
3000 to 4200
V
t
q
typical
500
µs
T
J
max.
125
°C
Parameters
ST2100C..R
Units
Major Ratings and Characteristics
(R-PUK)


Similar Part No. - ST2100C30R1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
More results

Similar Description - ST2100C30R1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com