Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST180S08P0V Datasheet(PDF) 4 Page - International Rectifier

Part # ST180S08P0V
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180S08P0V Datasheet(HTML) 4 Page - International Rectifier

  ST180S08P0V Datasheet HTML 1Page - International Rectifier ST180S08P0V Datasheet HTML 2Page - International Rectifier ST180S08P0V Datasheet HTML 3Page - International Rectifier ST180S08P0V Datasheet HTML 4Page - International Rectifier ST180S08P0V Datasheet HTML 5Page - International Rectifier ST180S08P0V Datasheet HTML 6Page - International Rectifier ST180S08P0V Datasheet HTML 7Page - International Rectifier ST180S08P0V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST180S Series
4
Bulletin I25165 rev. C 03/03
www.irf.com
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.015
0.012
T
J
= T
J
max.
120°
0.019
0.020
90°
0.025
0.027
K/W
60°
0.036
0.037
30°
0.060
0.060
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
Ordering Information Table
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding Stud
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
P = Stud base 3/4"-16UNF2A threads
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
8
-
V = Glass-metal seal (only up to 1200V)
None = Ceramic housing (over 1200V)
NOTE: For Metric device M16 x 1.5 Contact factory
Device Code
5
1
2
3
4
ST
18
0
S
20
P
0
7
6
8


Similar Part No. - ST180S08P0V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180S08P0V IRF-ST180S08P0V Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S08P0VL IRF-ST180S08P0VL Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
More results

Similar Description - ST180S08P0V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com