Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5263 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5263
Description  Preliminary Technical Data
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263 Datasheet(HTML) 2 Page - Analog Devices

  AD5263 Datasheet HTML 1Page - Analog Devices AD5263 Datasheet HTML 2Page - Analog Devices AD5263 Datasheet HTML 3Page - Analog Devices AD5263 Datasheet HTML 4Page - Analog Devices AD5263 Datasheet HTML 5Page - Analog Devices AD5263 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRELIMINARY TECHNICAL DATA
Quad +15V Digital Potentiometers
AD5263
08 AUG ’02, REV PrD
- 2 -
ELECTRICAL CHARACTERISTICS 20K, 50K, 200K OHM VERSION (V
DD = +5V, VSS = -5V, VL = +5V,
VA = +VDD, VB = 0V, -40°C < TA < +125°C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
1
Max
Units
DC CHARACTERISTICS RHEOSTAT MODE Specifications apply to all VRs
Resistor Differential NL2
R-DNL
RWB, VA=NC
-1
±1/4
+1
LSB
Resistor Nonlinearity2
R-INL
RWB, VA=NC
-2
±1/2
+2
LSB
Nominal resistor tolerance3
∆RAB
TA = 25°C
-30
30
%
Resistance Temperature Coefficient
∆RAB/∆T
Wiper = No Connect
30
ppm/°C
Wiper Resistance
RW
IW = 1 V/RAB, VDD = +5V
50
100
DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE Specifications apply to all VRs
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
–1
±1/4
+1
LSB
Integral Nonlinearity4
INL
–2
±1/2
+2
LSB
Voltage Divider Temperature Coefficient
∆VW/∆T
Code = 40H
5
ppm/°C
Full-Scale Error
VWFSE
Code = FFH
–2
-1
+0
LSB
Zero-Scale Error
VWZSE
Code = 00H
0
+1
+2
LSB
RESISTOR TERMINALS
Voltage Range5
VA,B,W
VSS
VDD
V
Capacitance6 Ax, Bx
CA,B
f = 1 MHz, measured to GND, Code = 40H
TBD
pF
Capacitance6 Wx
CW
f = 1 MHz, measured to GND, Code = 40H
TBD
pF
Common-Mode Leakage
ICM
VA =VB = VDD / 2
1
nA
DIGITAL INPUTS
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Logic High
VIH
VL = +3V, VSS = 0V
2.1
V
Input Logic Low
VIL
VL = +3V, VSS = 0V
0.6
V
Input Current
IIL
VIN = 0V or +5V
±1
µA
Input Capacitance6
CIL
5
pF
DIGITAL Output
O1, O2
VOH
IOH=0.4mA
2.4
5.5
V
O1, O2
VOL
IOL=-1.6mA
0
0.4
V
SDA
VOL
IOL = -6mA
0.6
V
SDA
VOL
IOL = -3mA
0.4
V
Three-State Leakage Current
IOZ
VIN = 0V or +5V
±1
µA
Output Capacitance6
COZ
3
8
pF
POWER SUPPLIES
Logic Supply
VL
2.7
5.5
V
Power Single-Supply Range
VDD RANGE
VSS = 0V
5
16.5
V
Power Dual-Supply Range
VDD/SS RANGE
±4.5
±5.5
V
Logic Supply Current
IL
VL = +5V
60
µA
Positive Supply Current
IDD
VIH = +5V or VIL = 0V
1
µA
Negative Supply Current
ISS
VSS = -5V
1
µA
Power Dissipation9
PDISS
VIH = +5V or VIL = 0V, VDD = +5V, VSS = -5V
0.6
mW
Power Supply Sensitivity
PSS
∆VDD = +5V ±10%
0.0002
0.005
%/%
DYNAMIC CHARACTERISTICS6, 10
Bandwidth –3dB
BW_20K
RAB = 20K
400
KHz
Total Harmonic Distortion
THDW
VA =1Vrms, VB = 0V, f=1KHz, RAB = 20KΩ
0.008
%
VW Settling Time
tS
VA= 10V, VB=0V, ±1 LSB error band
2
µs
Resistor Noise Voltage
eN_WB
RWB = 10KΩ, f = 1KHz, RS = 0
9
nV
√Hz


Similar Part No. - AD5263

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU200 AD-AD5263BRU200 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU50 AD-AD5263BRU50 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU50-REEL7 AD-AD5263BRU50-REEL7 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRUZ20 AD-AD5263BRUZ20 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
More results

Similar Description - AD5263

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD53519 AD-AD53519 Datasheet
291Kb / 13P
   Preliminary Technical Data
REV. Pr J July 22, 2002
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com