Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW12NK90Z Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW12NK90Z
Description  N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW12NK90Z Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW12NK90Z Datasheet HTML 2Page - STMicroelectronics STW12NK90Z Datasheet HTML 3Page - STMicroelectronics STW12NK90Z Datasheet HTML 4Page - STMicroelectronics STW12NK90Z Datasheet HTML 5Page - STMicroelectronics STW12NK90Z Datasheet HTML 6Page - STMicroelectronics STW12NK90Z Datasheet HTML 7Page - STMicroelectronics STW12NK90Z Datasheet HTML 8Page - STMicroelectronics STW12NK90Z Datasheet HTML 9Page - STMicroelectronics STW12NK90Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STW12NK90Z
6/14
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
11
44
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Forward on voltage
ISD = 11A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 10A, di/dt = 100A/µs,
VDD = 50V, Tj = 25°C
(see Figure 15)
728
7.8
21.6
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 10A, di/dt = 100A/µs,
VDD = 50V, Tj = 150°C
(see Figure 15)
964
11
23
ns
µC
A


Similar Part No. - STW12NK90Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW12NK90Z ISC-STW12NK90Z Datasheet
334Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW12NK90Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
   N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
STW13NK100Z STMICROELECTRONICS-STW13NK100Z Datasheet
208Kb / 9P
   N-CHANNEL 1000V - 0.56 OHM - 13A TO-247 Zener-Protected SuperMESH Power MOSFET
March 2004
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
   N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
   N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
March 2003
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP12NK80Z STMICROELECTRONICS-STP12NK80Z Datasheet
342Kb / 15P
   N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
STW13NK80Z STMICROELECTRONICS-STW13NK80Z Datasheet
310Kb / 9P
   N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com