Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG884AM883 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG884AM883
Description  8 x 4 Wideband Video Crosspoint Array
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG884AM883 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG884AM883 Datasheet HTML 6Page - Vishay Siliconix DG884AM883 Datasheet HTML 7Page - Vishay Siliconix DG884AM883 Datasheet HTML 8Page - Vishay Siliconix DG884AM883 Datasheet HTML 9Page - Vishay Siliconix DG884AM883 Datasheet HTML 10Page - Vishay Siliconix DG884AM883 Datasheet HTML 11Page - Vishay Siliconix DG884AM883 Datasheet HTML 12Page - Vishay Siliconix DG884AM883 Datasheet HTML 13Page - Vishay Siliconix DG884AM883 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DG884
Vishay Siliconix
Document Number: 70071
S-52433—Rev. G, 20-Dec-04
www.vishay.com
11
DEVICE DESCRIPTION
Readback
The I/O facility enables the user to write data to the Next Event
latches or to read the contents of the Current Event latches.
This feature permits the central controller to periodically
monitor the state of the matrix. If a power loss to the controller
occurs, the readback feature helps the matrix to recover
rapidly. It also offers a means to perform PC board diagnostics
both in production and in system operation.
/
Mux 3 Decoder
4
/
4
Q0 − Q3
/
7
Data
Buffers
4
/
9
8
8 Analog Inputs
Mux 1
OUT1
8 T-Switches
1 Series Switch
8
Mux 2
OUT2
8
OUT3
Mux 4
OUT4
EN
EN
DIS3
Open Drain
Output
A0
A1
A2
A3
CS
WR
SALVO
I/O
B0
B1
RS
One of Four Blocks of Logic/Latches Shown
FIGURE 12.
Control Circuitry
Decoders/
Drivers
APPLICATIONS
WR
SALVO
IN1
IN2
IN8
DG884
B0 B1 A0 A1 A2 A3
RESET
RS
DIS1
OUT1
Two—Si584
Quad Unity-Gain Buffers
CLC410
75 W
75 W
FIGURE 13.
Fully Buffered 8 X 4 Crosspoint
Note: DIS outputs are used to
power down the Si582 amplifiers.
x2
DIS2
OUT2
x2
DIS3
OUT3
x2
DIS4
OUT4
x2
x1
x1
x1


Similar Part No. - DG884AM883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884DN VISHAY-DG884DN Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884DN-E3 VISHAY-DG884DN-E3 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
More results

Similar Description - DG884AM883

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Mitel Networks Corporat...
MT88V32 MITEL-MT88V32 Datasheet
237Kb / 14P
   8 x 4 High Performance Video Switch Array
logo
Gennum Corporation
GX4201 GENNUM-GX4201 Datasheet
156Kb / 6P
   Wideband, Monolithic 1x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Vishay Siliconix
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
   4-/8-Channel Wideband Video Multiplexers
Rev. G, 29-Jan-02
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com