Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T48C893 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 2 Page - ATMEL Corporation

  T48C893 Datasheet HTML 1Page - ATMEL Corporation T48C893 Datasheet HTML 2Page - ATMEL Corporation T48C893 Datasheet HTML 3Page - ATMEL Corporation T48C893 Datasheet HTML 4Page - ATMEL Corporation T48C893 Datasheet HTML 5Page - ATMEL Corporation T48C893 Datasheet HTML 6Page - ATMEL Corporation T48C893 Datasheet HTML 7Page - ATMEL Corporation T48C893 Datasheet HTML 8Page - ATMEL Corporation T48C893 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
2 (82)
T48C893
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
17
18
19
20
16
VDD
BP40/INT3/SC
BP53/INT1
BP52/INT1
BP51/INT6
BP50/INT6
OSC1
OSC2
BP60/T3O
BP10
VSS
BP43/INT3/SD
BP42/T2O
BP41/VMI/T2I
BP23
BP22
BP21
BP20/NTE
BP63/T3I
BP13
Figure 2. Pinning SSO20 package
Table 1 Pin description
Name
Type
Function
Alternate Function
Pin-No.
Reset State
VDD
Supply voltage
–––
1
NA
VSS
Circuit ground
–––
20
NA
BP10
I/O
Bidirectional I/O line of Port 1.0
–––
10
Input
BP13
I/O
Bidirectional I/O line of Port 1.3
–––
11
Input
BP20
I/O
Bidirectional I/O line of Port 2.0 NTE–test mode enable
13
Input
BP21
I/O
Bidirectional I/O line of Port 2.1
–––
14
Input
BP22
I/O
Bidirectional I/O line of Port 2.2
–––
15
Input
BP23
I/O
Bidirectional I/O line of Port 2.3
–––
16
Input
BP40
I/O
Bidirectional I/O line of Port 4.0 SC-serial clock or INT3 external
interrupt input
2
Input
BP41
I/O
Bidirectional I/O line of Port 4.1 VMI voltage monitor input or T2I
external clock input Timer 2
17
Input
BP42
I/O
Bidirectional I/O line of Port 4.2 T2O Timer 2 output
18
Input
BP43
I/O
Bidirectional I/O line of Port 4.3 SD serial data I/O or INT3 exter-
nal interrupt input
19
Input
BP50
I/O
Bidirectional I/O line of Port 5.0 INT6 external interrupt input
6
Input
BP51
I/O
Bidirectional I/O line of Port 5.1 INT6 external interrupt input
5
Input
BP52
I/O
Bidirectional I/O line of Port 5.2 INT1 external interrupt input
4
Input
BP53
I/O
Bidirectional I/O line of Port 5.3 INT1 external interrupt input
3
Input
BP60
I/O
Bidirectional I/O line of Port 6.0 T3O Timer 3 output
9
Input
BP63
I/O
Bidirectional I/O line of Port 6.3 T3I Timer 3 input
12
Input
OSC1
I
Oscillator input
4-MHz crystal input or 32-kHz
crystal input or external clock in-
put or external trimming resistor
input
7
Input
OSC2
O
Oscillator output
4-MHz crystal output or 32-kHz
crystal output or external clock
input
8
Input


Similar Part No. - T48C893

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R8 ATMEL-T48C862-R8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862M-R3 ATMEL-T48C862M-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862M-R3-TNQ ATMEL-T48C862M-R3-TNQ Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - T48C893

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
CS115 LUMILEDS-CS115 Datasheet
2Mb / 4P
   The Times Square Ball
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Maxim Integrated Produc...
MAX9647EVKIT MAXIM-MAX9647EVKIT Datasheet
749Kb / 8P
   Accommodates Multiple Configurations for the Comparator
Rev 0; 5/13
logo
Samsung semiconductor
KS57P0504 SAMSUNG-KS57P0504 Datasheet
1Mb / 282P
   The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
logo
PHOENIX CONTACT
2900133 PHOENIX-2900133 Datasheet
81Kb / 3P
   The figure shows the 14-pos. version
2900544 PHOENIX-2900544 Datasheet
158Kb / 6P
   The figure shows the 9 A version
2900553 PHOENIX-2900553 Datasheet
168Kb / 6P
   The figure shows the 9 A version
2900574 PHOENIX-2900574 Datasheet
164Kb / 6P
   The figure shows the 9 A version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com