Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7MTX01FK Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC7MTX01FK
Description  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MTX01FK Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7MTX01FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TC7MTX01FK
2002-03-18
7
E
2
PROM Contents
The E2PROM is organized as 8 bits x 124 words (= 992 bits) and its contents is as shown below.
E
2
PROM Data Save Map
BIT
BIT
BIT
Word
(HEX)
0
1
2
3
4
5
6
7
Word
(HEX)
01
23
4
5
6
7
Word
(HEX)
0
1
2
3
4
5
6
7
00
Reserved for users
30
XOcont (10°C)
60
XOcont (58°C)
01
As above
31
XOcont (11°C)
61
XOcont (59°C)
02
As above
32
XOcont (12°C)
62
XOcont (60°C)
03
As above
33
XOcont (13°C)
63
XOcont (61°C)
04
As above
34
XOcont (14°C)
64
XOcont (62°C)
05
As above
35
XOcont (15°C)
65
XOcont (63°C)
06
As above
36
XOcont (16°C)
66
XOcont (64°C)
07
As above
37
XOcont (17°C)
67
XOcont (65°C)
08
As above
38
XOcont (18°C)
68
XOcont (66°C)
09
As above
39
XOcont (19°C)
69
XOcont (67°C)
0A
As above
3A
XOcont (20°C)
6A
XOcont (68°C)
0B
As above
3B
XOcont (21°C)
6B
XOcont (69°C)
0C
As above
3C
XOcont (22°C)
6C
XOcont (70°C)
0D
As above
3D
XOcont (23°C)
6D
XOcont (71°C)
0E
As above
3E
XOcont (24°C)
6E
XOcont (72°C)
0F
25°C temperature sensor
compensation data
3F
XOcont (25°C)
6F
XOcont (73°C)
10
XOcont (
-22°C)
40
XOcont (26°C)
70
Reserved for users
11
XOcont (
-21°C)
41
XOcont (27°C)
71
As above
12
XOcont (
-20°C)
42
XOcont (28°C)
72
As above
13
XOcont (
-19°C)
43
XOcont (29°C)
73
As above
14
XOcont (
-18°C)
44
XOcont (30°C)
74
As above
15
XOcont (
-17°C)
45
XOcont (31°C)
75
As above
16
XOcont (
-16°C)
46
XOcont (32°C)
76
As above
17
XOcont (
-15°C)
47
XOcont (33°C)
77
As above
18
XOcont (
-14°C)
48
XOcont (34°C)
78
As above
19
XOcont (
-13°C)
49
XOcont (35°C)
79
As above
1A
XOcont (
-12°C)
4A
XOcont (36°C)
7A
As above
1B
XOcont (
-11°C)
4B
XOcont (37°C)
7B
As above
1C
XOcont (
-10°C)
4C
XOcont (38°C)
1D
XOcont (
-9°C)
4D
XOcont (39°C)
1E
XOcont (
-8°C)
4E
XOcont (40°C)
1F
XOcont (
-7°C)
4F
XOcont (41°C)
20
XOcont (
-6°C)
50
XOcont (42°C)
21
XOcont (
-5°C)
51
XOcont (43°C)
22
XOcont (
-4°C)
52
XOcont (44°C)
23
XOcont (
-3°C)
53
XOcont (45°C)
24
XOcont (
-2°C)
54
XOcont (46°C)
25
XOcont (
-1°C)
55
XOcont (47°C)
26
XOcont (0°C)
56
XOcont (48°C)
27
XOcont (1°C)
57
XOcont (49°C)
28
XOcont (2°C)
58
XOcont (50°C)
29
XOcont (3°C)
59
XOcont (51°C)
2A
XOcont (4°C)
5A
XOcont (52°C)
2B
XOcont (5°C)
5B
XOcont (53°C)
2C
XOcont (6°C)
5C
XOcont (54°C)
2D
XOcont (7°C)
5D
XOcont (55°C)
2E
XOcont (8°C)
5E
XOcont (56°C)
2F
XOcont (9°C)
5F
XOcont (57°C)
(Contents of addresses 00H~0EH): Reserved area for users
(Contents of address 0FH): 25°C temperature sensor compensation data (8-bit data is used to compensate for
temperature fluctuation in sensor ICs.)
(Contents of addresses 10H~6FH): XOcont temperature data (temperature range: -22°C~73°C, 8-bit data, one
value for each 1°C increment)
(Contents of addresses 70H~7BH): Reserved


Similar Part No. - TC7MTX01FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results

Similar Description - TC7MTX01FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com