Selected language     English  ā–¼


TDA4863G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. TDA4863G
Description  Boost Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 8 page
background image
TDA4863
Overview
Data Sheet
8
V1.0, 2003-05
1.5
Block Diagram
Figure 3
Internal Bolck Diagram
0.2V
GTDRV
Reference
Voltage
Vref
Gate
Drive
+
-
Voltage
Amp
Multiplier
RS
Flip-Flop
+
-
UVLO
Restart
Timer
+
-
Detector
VSENSE
VAOUT
MULTIN
ISENSE
DETIN
VCC
GND
+
-
Current
Comp
multout
+
+
-
-
Inhibit
time delay
2.2V
2.5V
uvlo
active
shut down
1.5V
1.0V
12.5V
10V
t
dVA=2us
t
res=150us
t
dsd=70ns
20V
+
1V
Inhibit
Enable
OVR
0.5V
1V
3.5V
Vref
-
+
+
-
Clamp
Current
5V
+
-
5.4V
LEB
40k
5p




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT1950Single Switch PWM Controller with Auxiliary Boost Converter 1 2 3 4 5 MoreLinear Technology
M62445FPDIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LTC1871Wide Input Range No RSENSE Current Mode Boost Flyback and SEPIC Controller 1 2 3 4 5 MoreLinear Technology
SC1408LOW VOLTAGE BOOST DC-DC CONTROLLER 1 2 3 4 5 MoreSemtech Corporation
SI9168Synchronous Buck or Boost Controller for 2-Cell Li+ Battery Operated Portable Communication Devices 1 2 3 4 5 MoreVishay Siliconix
CXD3027RCD Digital Signal Processor with Built-in Digital Servo + Shock-Proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3048RCD Digital Signal Processor with Built-in Digital Servo + Shock-proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3029RCD Digital Signal Processor with Built-in Digital Servo + Shock-proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
SI9161Optimized-Efficiency Controller for RF Power Amplifier Boost Converter 1 2 3 4 5 MoreVishay Siliconix
SI9160Controller for RF Power Amplifier Boost Converter 1 2 3 4 5 MoreVishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl